Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 53 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 49Page - Texas Instruments TNETX4090 Datasheet HTML 50Page - Texas Instruments TNETX4090 Datasheet HTML 51Page - Texas Instruments TNETX4090 Datasheet HTML 52Page - Texas Instruments TNETX4090 Datasheet HTML 53Page - Texas Instruments TNETX4090 Datasheet HTML 54Page - Texas Instruments TNETX4090 Datasheet HTML 55Page - Texas Instruments TNETX4090 Datasheet HTML 56Page - Texas Instruments TNETX4090 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
E
Mirr
Bit = 1?
Remove:
– Disabled Ports
– Ports Blocked by TxBlockPorts
From Port Routing Code
Yes
If
[(Source Port = MirrorPort or
Port Routing Code Includes MirrorPort)
and (Source Port ! = UplinkPort)]
Then
Include UplinkPort in Port Routing Code
No
Lshare = 1?
No
Port Routing Code
is Adjusted by
Trunking Algorithm
(see Note A)
Destination
Found?
Yes
No
Port Routing Code
is Adjusted by
Load-Sharing
Algorithm
(see Note A)
Yes
NOTE A: See
Port Trunking/Load Sharing
Port Routing
Code = 0?
Send Frame to
Ports Indicated by
Port Routing Code
No
Yes
Discard
Frame
D
C
Figure 12. Frame-Routing Algorithm (Continued)
port routing code
The IALE creates a port routing code in which each bit (marked with a 1) represents a potential destination port
for the frame. This code is modified as it proceeds through the frame-routing algorithm. If the final code is all
0s, then the frame is discarded. If it is not, then the frame is transmitted on every port marked by a 1 within the
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com