Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 47 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 43Page - Texas Instruments TNETX4090GGP Datasheet HTML 44Page - Texas Instruments TNETX4090GGP Datasheet HTML 45Page - Texas Instruments TNETX4090GGP Datasheet HTML 46Page - Texas Instruments TNETX4090GGP Datasheet HTML 47Page - Texas Instruments TNETX4090GGP Datasheet HTML 48Page - Texas Instruments TNETX4090GGP Datasheet HTML 49Page - Texas Instruments TNETX4090GGP Datasheet HTML 50Page - Texas Instruments TNETX4090GGP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
JTAG interface
The TNETX4090 is fully IEEE Std 1149.1 compliant. It also includes on-chip pullup resistors on the five JTAG
terminals to eliminate the need for external ones. The instructions that TI supports are:
D Mandatory (EXTEST, BYPASS, and SAMPLE/PRELOAD)
D Optional public (HIGHZ, IDCODE, and BIST)
D Private (various private instructions are used by TI for test purposes)
The opcodes for the various instructions (6-bit instruction register) are shown in Table 18.
Table 18. JTAG Instruction Opcodes
INSTRUCTION
TYPE
INSTRUCTION
NAME
JTAG
OPCODE
Mandatory
EXTEST
000000
Mandatory
SAMPLE/PRELOAD
000001
Optional
IDCODE
000100
Optional
HIGHZ
000101
Optional
RACBIST
000110
Private
TI testing
Others
Mandatory
BYPASS
111111
HIGHZ instruction
When selected, the HIGHZ instruction causes all outputs and bidirectional terminals to become high
impedance. All pullup and pulldown resistors are disabled.
RACBIST instruction
The RACBIST instruction invokes a built-in self test of the RAC and the rambus channel. This tests the integrity
of the connection between the TNETX4090 and the external RDRAMs. When selected, the value of the test can
be read via JTAG DR SCAN. A 2-bit status value is reported (see Table 19).
Table 19. JTAG BIST Status
PASS
(BIT 1)
COMPLETE
(BIT 0)
When bit 0 = 1
*0
fail
*0 = BIST running
*0 = fail
*1 = pass
*1 = BIST complete
The IDCODE for the TNETX4090 is shown in Table 20.
Table 20. JTAG ID Code
VARIANT
PART NUMBER
MANUFACTURE
LEAST SIGNIFICANT BIT
BIT 31
BIT 28
BIT 27
BIT 12
BIT 11
BIT 1
BIT 0
0000
1011000111110111
00000010111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com