Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 57 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 57 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 53Page - Texas Instruments TNETX4090GGP Datasheet HTML 54Page - Texas Instruments TNETX4090GGP Datasheet HTML 55Page - Texas Instruments TNETX4090GGP Datasheet HTML 56Page - Texas Instruments TNETX4090GGP Datasheet HTML 57Page - Texas Instruments TNETX4090GGP Datasheet HTML 58Page - Texas Instruments TNETX4090GGP Datasheet HTML 59Page - Texas Instruments TNETX4090GGP Datasheet HTML 60Page - Texas Instruments TNETX4090GGP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
other flow-control mechanisms
hardware flow control
If a port were in MII or GMII mode and full duplex, normally, its Mxx_COL would not be needed. Hardware flow
control has been added by preventing the start of a frame transmission if the Mxx_COL is high. This is useful
in ring mode; the Mxx_COL can be tied to the FLOW of the upstream neighbor for hardware flow control.
multicast limit
Because buffer resources for multicast (or broadcast) frames are released only when the last port has
transmitted the frame, multicast packets to fast and slow ports are released at the slow-port rate. Multicast traffic
from a fast port to a slow port could cause back pressure to be applied to the source port, blocking input from
that port. This occurs even if at least one of the ports in the multicast could have kept pace with the inbound
multicast packets. The MCastLimit register can limit the number of multicast packets allowed to be pending at
any output port. When the limit is reached, that port is not added to the routing vector of the next multicast packet
for which it was eligible. Eligibility is restored when the number of backlogged packets is again below the limit.
MCastLimit allows the user to set the ports subject to this restriction, and set the limit in 8 binary steps, from
2 to 256. The spanning-tree BPDU multicast packet is exempt from this limit.
other behavior changes resulting from flow-control bits or terminals
Clearing (the default) holbrm in the RingPorts register includes the test for buffer use controlled by the holb bit
in SysControl into the action of the FLOW terminal. FLOW goes high if either the number of buffers left is less
than the FlowThreshold value or a ring-mode port receive operation has exceeded its fair share of buffers.
Setting holbrm = 1 makes FLOW respond only to FlowThreshold value violations.
system test capabilities
RDRAM
The external RDRAM can be read and written using regular DIO accesses following a stop. Individual bytes can
be read and written. However, as the RDRAM memory is actually accessed in 128-byte pages, performing
128-byte accesses is the most efficient.
To access the RDRAM, the TNETX4090 must not be operating. The user must perform a reset and not set start
in SysControl. Both start and initd in SysControl must be 0. In addition, rdinit in SysTest must be set, indicating
that the RDRAM has initialized. This initialization sequence occurs automatically after a hard reset.
Read or write accesses to RDRAM are invoked via rdram and rdwrite in SysTest. Setting rdram to 1 causes a
128-byte transfer between the device and the RDRAM memory to be initiated.
D The transfer direction is determined by rdwrite.
D The external memory byte address for the access is specified by ramaddress in RAMAddress.
D Data to be read from or written to RDRAM is accessed indirectly via RAMData.
writing RDRAM
Writing to RDRAM memory is accomplished as follows:
1.
Write the byte address for the access to ramaddress in RAMAddress.
2.
Write the data for the access to RAMData. Up to 64 bytes can be written, if all but the six least significant
bits of the address are the same for all the data. Inc in RAMAddress can be used to autoincrement the
address.
3.
Set rdwrite = 0 and rdram = 1 (these can be written simultaneously).
4.
If required, poll rdram until it becomes 0. This indicates that the write has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com