Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 71 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 67Page - Texas Instruments TNETX4090GGP Datasheet HTML 68Page - Texas Instruments TNETX4090GGP Datasheet HTML 69Page - Texas Instruments TNETX4090GGP Datasheet HTML 70Page - Texas Instruments TNETX4090GGP Datasheet HTML 71Page - Texas Instruments TNETX4090GGP Datasheet HTML 72Page - Texas Instruments TNETX4090GGP Datasheet HTML 73Page - Texas Instruments TNETX4090GGP Datasheet HTML 74Page - Texas Instruments TNETX4090GGP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM interface
For further information on EEPROM interface timing, refer to the 24C02 or 24C08 serial EEPROM data sheets.
EEPROM writes (see Figure 27)
NO.
MIN
MAX
UNIT
1
tsu(EDIO:Start)
Setup time, start condition during ECLK high
383
tc
2
th(EDIO:Start)
Hold time, start condition during ECLK high
383
tc
3
th(EDIO:Data)
Hold time, data after ECLK
↓
0
tc
4
tsu(EDIO:Data)
Setup time, data before ECLK
↑
383
tc
5
tw(ECLK)
Pulse duration, ECLK low during start/stop
766
tc
6
tw(ECLK)
Pulse duration, ECLK high during start/stop
766
tc
7
tw(ECLK:Data)
Pulse duration, ECLK high during data
383
tc
8
tw(ECLK:Data)
Pulse duration, ECLK low during data
766
tc
9
fclock(ECLK)
Clock frequency, ECLK
98
kHz
EDIO (out)
7
8
4
2
1
3
5
6
ECLK
Figure 27. EEPROM Writes
EEPROM reads (see Figure 28)
NO.
MIN
MAX
UNIT
1
tsu(EDIO)
Setup time, EDIO (in) before ECLK
↑
10
ns
2
th(EDIO)
Hold time, EDIO (in) after ECLK
↓
0
ns
ECLK
1
2
EDIO (in)
Figure 28. EEPROM Reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com