Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 11Page - Texas Instruments TNETX4090GGP Datasheet HTML 12Page - Texas Instruments TNETX4090GGP Datasheet HTML 13Page - Texas Instruments TNETX4090GGP Datasheet HTML 14Page - Texas Instruments TNETX4090GGP Datasheet HTML 15Page - Texas Instruments TNETX4090GGP Datasheet HTML 16Page - Texas Instruments TNETX4090GGP Datasheet HTML 17Page - Texas Instruments TNETX4090GGP Datasheet HTML 18Page - Texas Instruments TNETX4090GGP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
RDRAM interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
DBUS_CTL
Y26
O
None
Bus control. Controls signal-to-frame packets, transmits part of the operation code,
initiates data transfers, and terminates data transfers. This is a rambus signal logic (RSL)
signal (see Note 1).
DBUS_DATA0
DBUS_DATA1
DBUS_DATA2
DBUS_DATA3
DBUS_DATA4
DBUS_DATA5
DBUS_DATA6
DBUS_DATA7
DBUS_DATA8
AC26
AA24
AB26
Y24
V24
U25
U26
T26
R25
I/O
None
Bus data. Signal lines for request, write-data, and read-data packets. The request packet
contains the address, operation codes, and other control information. These are RSL
signals (see Note 1).
DBUS_EN
T25
O
None
Bus enable. Controls signal-to-transfer column addresses for random-access
(nonsequential) transactions. This is an RSL signal (see Note 1).
DCCTRL
P24
I
None
Current control program. Connected to the current control resistor whose other terminal
is connected to the termination voltage.
DRX_CLK
V26
O
None
Receive clock. This signal is derived from DTX_CLK. This is an RSL signal (see Note 1).
It is connected directly to DTX_CLK in the TNETX4090.
DTX_CLK
V25
I
None
Transmit clock. This is an RSL signal (see Note 1). The primary internal clock is derived
from this signal.
DVREF
AA26
I
None
Reference voltage. Logic threshold reference voltage for RSL signals.
NOTE 1: RSL is a low-voltage swing, active-low signaling technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com