Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 69Page - Texas Instruments TNETX4090GGP Datasheet HTML 70Page - Texas Instruments TNETX4090GGP Datasheet HTML 71Page - Texas Instruments TNETX4090GGP Datasheet HTML 72Page - Texas Instruments TNETX4090GGP Datasheet HTML 73Page - Texas Instruments TNETX4090GGP Datasheet HTML 74Page - Texas Instruments TNETX4090GGP Datasheet HTML 75Page - Texas Instruments TNETX4090GGP Datasheet HTML 76Page - Texas Instruments TNETX4090GGP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
The following load circuits and voltage waveforms show the conditions used for measuring switching characteristics.
Test points are illustrated schematically on the load circuits. Reference points are plotted on the voltage waveforms.
IV110
IV110
From Output
Under Test
Drive
Dependent
Internal and Input
Macro Load Circuit
From Output
Under Test
CL
(four load values)
Output
Macro Load Circuit
tPLH/tPHL, tPZH/tPZL
N channel – tPZH only
P channel – tPZL only
Figure 30. Loading for Active Transitions
High or Low
+ Ion
Input
tPHZ/tPLZ
N channel – tPLZ only
P channel – tPHZ only
V
±
Figure 31. Loading for High-Impedance Transitions
10%
90%
90%
10%
1.3 V
1.3 V
tf
tr
VDD
0
Input
47%
tPLH
VOH
VOL
Internal
In-Phase
Output
tPHL
47%
Figure 32. TTL Input Macro Propagation-Delay-Time Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com