Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 1 Page - Texas Instruments

  TNETX4090GGP Datasheet HTML 1Page - Texas Instruments TNETX4090GGP Datasheet HTML 2Page - Texas Instruments TNETX4090GGP Datasheet HTML 3Page - Texas Instruments TNETX4090GGP Datasheet HTML 4Page - Texas Instruments TNETX4090GGP Datasheet HTML 5Page - Texas Instruments TNETX4090GGP Datasheet HTML 6Page - Texas Instruments TNETX4090GGP Datasheet HTML 7Page - Texas Instruments TNETX4090GGP Datasheet HTML 8Page - Texas Instruments TNETX4090GGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip 100-/1000-Mbit/s Device
D Integrated Physical Coding Sublayer (PCS)
Logic Provides Direct Interface to Gigabit
Transceivers
D Integrated Address-Lookup Engine and
Table Memory for 2-K Addresses
D Supports IEEE Std 802.1Q Virtual-LAN
(VLAN) Tagging Scheme
D Provides Data Path for Network
Management Information [No External
Media-Access Control (MAC) Required]
D Full-Duplex IEEE Std 802.3 Flow Control
D Half-Duplex Back-Pressure Flow Control
D Fully Nonblocking Architecture Using
High-Bandwidth Rambus Memory
D Simple Expansion Via the Gigabit Interface
for Higher-Density Port Solutions
D Port Trunking/Load Sharing for
High-Bandwidth Interswitch Links
D Supports Pretag Extended Port Awareness
D EEPROM Interface for Autoconfiguration
(No CPU Required for Nonmanaged Switch)
D Provides Direct Input/Output (DIO) Interface
for Configuration and Statistics Information
D Supports On-Chip Per-Port Storage for
Etherstat
™ and Remote Monitoring (RMON)
Management Information Bases (MIBs)
D Fabricated in 2.5-/3.3-V Low-Voltage
Technology
D Supports Ring-Cascade Mode
D Supports Spanning Tree
D Packaged in 352-Terminal Ball Grid Array
Package
description
The TNETX4090 is a 9-port 100-/1000-Mbit/s nonblocking Ethernet
™ switch with an on-chip address-lookup
engine. The TNETX4090 provides a low-cost, high-performance switch solution. The TNETX4090 is a fully
manageable desktop switch solution achieved by combining the TNETX4090 with physical interfaces and
high-bandwidth rambus-based packet memory and a CPU. The TNETX4090 also provides an interface capable
of receiving and transmitting simple-network management protocol (SNMP) and bridge protocol data units
(BPDU) (spanning tree) frames.
The TNETX4090 provides eight 10-/100-Mbit/s interfaces and one 100-/1000-Mbit/s interface. In half-duplex
mode, all ports support back-pressure flow control to reduce the risk of data loss for a long burst of activity. In
the full-duplex mode of operation, the device uses IEEE Std 802.3 frame-based flow control. With full-duplex
capability, ports 0–7 support 200-Mbit/s aggregate bandwidth connections. Port 8 supports 2 Gbit/s to desktops,
high-speed servers, hubs, or other switches in the full-duplex mode. The physical coding sublayer (PCS)
function is integrated on chip to provide a direct 10-bit interface to the gigabit Ethernet transceiver. The
TNETX4090 also supports port trunking/load sharing on the 10-/100-Mbit ports. This can be used to group ports
on interswitch links to increase the effective bandwidth between the systems. In the ring-cascade mode, port 8
can be used to connect multiple devices in a ring topology, which provides a low-cost, high-port-density desktop
switch. Pretagging and extended port awareness allow the TNETX4090 to be used as a front end to a router
or crossbar switch to build a cost-effective, high-density, high-performance system.
The internal address-lookup engine (IALE) supports up to 2-K unicast/multicast and broadcast addresses and
up to 64 IEEE Std 802.1Q VLANs. For interoperability, each port can be programmed as an access port or
non-access port to recognize VLAN tags and transmit frames with VLAN tags to other systems that support
VLAN tagging. The IALE performs destination- and source-address comparisons and forwards unknown
source- and destination-address packets to ports specified via programmable masks.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI, ThunderSWITCH, and ThunderSWITCH II are trademarks of Texas Instruments Incorporated.
Ethernet and Etherstat are trademarks of Xerox Corporation.
Secure Fast Switching is a trademark of Cabletron Systems, Inc.
Port-trunking and load-sharing algorithms were contributed by Cabletron Systems, Inc. and are derived from, and compatible with, Secure Fast
Switching
™.


Similar Part No. - TNETX4090GGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX4080GGP TI1-TNETX4080GGP Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
More results

Similar Description - TNETX4090GGP

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
TNETX3151 TI1-TNETX3151 Datasheet
833Kb / 65P
ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3190 TI1-TNETX3190 Datasheet
847Kb / 66P
ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3270 TI1-TNETX3270 Datasheet
849Kb / 66P
ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com