Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090GGP Datasheet(PDF) 64 Page - Texas Instruments

Part # TNETX4090GGP
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090GGP Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETX4090GGP Datasheet HTML 60Page - Texas Instruments TNETX4090GGP Datasheet HTML 61Page - Texas Instruments TNETX4090GGP Datasheet HTML 62Page - Texas Instruments TNETX4090GGP Datasheet HTML 63Page - Texas Instruments TNETX4090GGP Datasheet HTML 64Page - Texas Instruments TNETX4090GGP Datasheet HTML 65Page - Texas Instruments TNETX4090GGP Datasheet HTML 66Page - Texas Instruments TNETX4090GGP Datasheet HTML 67Page - Texas Instruments TNETX4090GGP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
64
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
GMII (port 8)
Figures 18–20 show the timing for the 100-/1000-Mbit/s GMII when operating at 1000 Mbit/s.
Both Mxx_CRS and Mxx_COL are driven asynchronously by the PHY. Mxx_RXD7–MxxRXD0 is driven by the
PHY on the falling edge of Mxx_RCLK. Mxx_RXD7–MxxRXD0 timing must be met during clock periods in which
Mxx_RXDV is asserted. Mxx_RXDV is asserted and deasserted by the PHY on the falling edge of Mxx_RCLK.
Mxx_RXER is driven by the PHY on the falling edge of Mxx_RCLK.
GMII receive (see Figure 18)
NO.
MIN
MAX
UNIT
1
tsu(Mxx_RXD)
Setup time, Mxx_RXD7–Mxx_RXD0 valid before Mxx_RCLK
↑
2
ns
1
tsu(Mxx_RXDV) Setup time, Mxx_RXDV valid before Mxx_RCLK↑
2
ns
1
tsu(Mxx_RXER) Setup time, Mxx_RXER valid before Mxx_RCLK↑
2
ns
2
th(Mxx_RXD)
Hold time, Mxx_RXD7–Mxx_RXD0 valid after Mxx_RCLK
↑
1
ns
2
th(Mxx_RXDV)
Hold time, Mxx_RXDV valid after Mxx_RCLK
↑
1
ns
2
th(Mxx_RXER)
Hold time, Mxx_RXER valid after Mxx_RCLK
↑
1
ns
Mxx_RXD7–Mxx_RXD0
Mxx_RXDV
Mxx_RXER
1
2
Mxx_RCLK
Figure 18. GMII Receive
Mxx_CRS and Mxx_COL are driven asynchronously by the PHY. Mxx_GTCLK is derived directly from
Mxx_RFCLK. Mxx_TXD7–Mxx_TXD7 is driven by the reconciliation sublayer synchronous to the Mxx_GTCLK.
Mxx_TXEN is asserted and deasserted by the reconciliation sublayer synchronous to the Mxx_GTCLK rising
edge. Mxx_TXER is driven synchronous to the rising edge of Mxx_GTCLK.
GMII transmit (see Figure 19)
NO.
MIN
MAX
UNIT
1
td(Mxx_TXD)
Delay time, from Mxx_GTCLK
↑ to Mxx_TXD3–MxxTXD0 valid
1.5
4.5
ns
1
td(Mxx_TXEN)
Delay time, from Mxx_GTCLK
↑ to Mxx_TXEN valid
1.5
4.5
ns
1
td(Mxx_TXER)
Delay time, from Mxx_GTCLK
↑ to Mxx_TXER valid
1.5
4.5
ns
Mxx_TXD7–Mxx_TXD0
Mxx_TXEN
Mxx_TXER
1
Mxx_GTCLK
Figure 19. GMII Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com