Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN0402002DBVR Datasheet HTML 1Page - Texas Instruments SN0402002DBVR Datasheet HTML 2Page - Texas Instruments SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
NOMINAL SUPPLY VOLTAGE
THRESHOLD VOLTAGE, VIT
(2)
TPS3103E12DBVR
1.2 V
1.142 V
TPS3103E15DBVR
1.5 V
1.434 V
TPS3103H20DBVR
2.0 V
1.84 V
TPS3103K33DBVR
3.3 V
2.941 V
TPS3106E09DBVR
0.9 V
0.86 V
TPS3106E16DBVR
1.6 V
1.521 V
TPS3106K33DBVR
3.3 V
2.941 V
TPS3110E09DBVR
0.9 V
0.86 V
TPS3110E12DBVR
1.2 V
1.142 V
TPS3110E15DBVR
1.5 V
1.434 V
TPS3110K33DBVR
3.3 V
2.941 V
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom threshold voltages are available. Minimum order quantities apply. Contact factory for details and availability.
AVAILABLE OPTIONS
DEVICE
RESET OUTPUT
RSTSENSE, RSTVDD OUTPUT
SENSE INPUT
WDI INPUT
PFO OUTPUT
TPS3103
Open-drain
Open-drain
TPS3106
Open-drain
ü
TPS3110
Push-pull
ü
ü
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage, VDD
(2)
–0.3 to +3.6
V
MR Pin, VMR
–0.3 to VDD + 0.3
V
All other pins(2)
–0.3 to +3.6
V
Maximum low output current, IOL
5
mA
Maximum high output current, IOH
–5
mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±10
mA
Output clamp current, IOK (VO < 0 or VO > VDD)
(3)
±10
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be operated at 3.6 V for more than t = 1000h
continuously.
(3)
Output is clamped for push-pull outputs by the back gate diodes internal to the IC. No clamp exists for the open-drain outputs.
2
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com