Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN0402002DBVR Datasheet HTML 1Page - Texas Instruments SN0402002DBVR Datasheet HTML 2Page - Texas Instruments SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
(TOPVIEW)
RESET
GND
MR
V
DD
PFI
TPS3103
DBVPACKAGE
PFO
3
2
4
6
1
5
(TOPVIEW)
RSTVDD
GND
MR
V
DD
SENSE
TPS3106
DBVPACKAGE
RSTSENSE
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
SENSE
TPS3110
DBVPACKAGE
WDI
3
2
4
6
1
5
TypicalApplicationCircuit
TPS3106K33DBV
V
DD
RSTVDD
RSTSENSE
GND
SENSE
R1
R2
GND
V
CORE
V
IO
RESET
R3
DSP
3.3V
1.6V
GND
MR
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
www.ti.com
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
2
• Precision Supply Voltage Supervision Range:
0.9 V, 1.2 V, 1.5 V, 1.6 V, 2 V, and 3.3 V
The TPS310x and TPS311x families of supervisory
circuits
provide
circuit
initialization
and
timing
• High Trip-Point Accuracy: 0.75%
supervision, primarily for DSP and processor-based
• Supply Current of 1.2 μA (typical)
systems.
• RESET Defined With Input Voltages as Low as
During power-on, RESET is asserted when the
0.4 V
supply voltage (VDD) becomes higher than 0.4 V.
• Power-On Reset Generator With a Delay Time
Thereafter, the supervisory circuit monitors VDD and
of 130 ms
keeps the RESET output active as long as VDD
• Push/Pull or Open-Drain RESET Outputs
remains below the threshold voltage (VIT). An internal
timer delays the return of the output to the inactive
• SOT23-6 Package
state to ensure proper system reset. The delay time
• Package Temperature Range: –40°C to +85°C
starts after VDD has risen above VIT. When VDD drops
below VIT, the output becomes active again.
All the devices of this family have a fixed-sense
• Applications Using Low-Power DSPs,
threshold voltage (VIT) set by an internal voltage
Microcontrollers, or Microprocessors
divider.
• Portable- and Battery-Powered Equipment
The TPS3103 and TPS3106 have an active-low,
• Intelligent Instruments
open-drain RESET output. The TPS3110 has an
• Wireless Communication Systems
active-low push/pull RESET.
• Industrial Equipment
The product spectrum is designed for supply voltages
• Notebook/Desktop Computers
of 0.9 V up to 3.3 V. The circuits are available in
SOT23-6
packages.
The
TPS31xx
family
is
characterized for operation over a temperature range
of –40
°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN0402002DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN0402002DBVR TI-SN0402002DBVR Datasheet
348Kb / 20P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
SN0402002DBVR TI-SN0402002DBVR Datasheet
555Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
SN0402002DBVR TI1-SN0402002DBVR Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Similar Description - SN0402002DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com