Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments SN0402002DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
PIN DESCRIPTIONS
(TOPVIEW)
RSTVDD
GND
MR
V
DD
SENSE
TPS3106
DBVPACKAGE
RSTSENSE
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
PFI
TPS3103
DBVPACKAGE
PFO
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
SENSE
TPS3110
DBVPACKAGE
WDI
3
2
4
6
1
5
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
DEVICE
NO.
GND
ALL
2
GND
Manual-reset input. Pull low to force a reset. RESET remains low as long as MR is low and for
MR
ALL
3
the timeout period after MR goes high. Leave unconnected or connect to VDD when unused.
PFI
TPS3103
4
Power-fail input compares to 0.551 V with no additional delay. Connect to VDD if not used.
PFO
TPS3103
5
Power-fail output. Goes high when voltage at PFI rises above 0.551 V.
TPS3103,
RESET
1
Active-low reset output. Either push-pull or open-drain output stage.
TPS3110
Active-low reset output. Logic level at RSTSENSE only depends on the voltage at SENSE and
RSTSENSE
TPS3106
5
the status of MR.
Active-low reset output. Logic level at RSTVDD only depends on the voltage at VDD and the
RSTVDD
TPS3106
1
status of MR.
TPS3106,
A reset will be asserted if the voltage at SENSE is lower than 0.551 V. Connect to VDD if
SENSE
4
TPS3110
unused.
VDD
ALL
6
Supply voltage. Powers the device and monitors its own voltage.
Watchdog timer input. If WDI remains high or low longer than the time-out period, then reset is
WDI
TPS3110
5
triggered. The timer clears when reset is asserted or when WDI sees a rising edge or a falling
edge.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com