Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN0402002DBVR Datasheet HTML 1Page - Texas Instruments SN0402002DBVR Datasheet HTML 2Page - Texas Instruments SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TIMING REQUIREMENTS
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MR
MR = 0 V, VDD = 3.3 V
–47
–33
–25
μA
IIL
Low-level input current
SENSE, PFI,
SENSE, PFI, WDI = 0 V,
–25
25
nA
WDI
VDD = 3.3 V
High-level output current
IOH
Open-drain
VDD = VIT + 0.2 V, VOH = 3.3 V
200
nA
at RESET(2)
VDD > VIT (average current),
1.2
3
VDD < 1.8 V
VDD > VIT (average current),
2
4.5
IDD
Supply current
μA
VDD > 1.8 V
VDD < VIT, VDD < 1.8 V
22
VDD < VIT, VDD > 1.8 V
27
Internal pull-up resistor at MR
70
100
130
k
Ω
CI
Input capacitance at MR, SENSE, PFI, WDI VI = 0 V to VDD
1
pF
(2)
Also refers to RSTVDD and RSTSENSE.
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tD
Delay time
VDD ≥ 1.1 × VIT, MR = 0.7 × VDD, See Timing Diagrams
65
130
195
ms
Propagation delay time,
VDD to RESET or
tPHL
VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
μs
high-to-low level output
RSTVDD delay
Propagation delay time,
VDD to RESET or
tPLH
VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
μs
low-to-high level output
RSTVDD delay
Propagation delay time,
SENSE to RESET or
tPHL
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
μs
high-to-low level output
RSTSENSE delay
Propagation delay time,
SENSE to RESET or
tPLH
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
μs
high-to-low level output
RSTSENSE delay
Propagation delay time,
tPHL
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
μs
high-to-low level output
Propagation delay time,
tPLH
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
300
μs
low-to-high level output
MR to RESET.
Propagation delay time,
tPHL
RSTVDD,
VDD ≥ 1.1 × VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
5
μs
low-to-high level output
RSTSENSE delay
MR to RESET.
Propagation delay time,
tPLH
RSTVDD,
VDD ≥ 1.1 × VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
5
μs
low-to-high level output
RSTSENSE delay
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tT(OUT)
Time-out period
at WDI
VDD ≥ 0.85 V
0.55
1.1
1.65
s
at VDD
VIH = 1.1 × VIT, VIL = 0.9 × VIT–, VIT– = 0.86 V
20
at MR
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.1
tW
Pulse width
at SENSE
VDD ≥ VIT, VIH = 1.1 × VIT − (S), VIL = 0.9 × VIT − (S)
20
μs
at PFI
VDD ≥ 0.85 V, VIH = 1.1 × VIT − (S),VIL = 0.9 × VIT − (S)
20
at WDI
VDD ≥ VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.3
4
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com