Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN0402002DBVR Datasheet HTML 1Page - Texas Instruments SN0402002DBVR Datasheet HTML 2Page - Texas Instruments SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
Over operating free-air temperature range, unless otherwise noted.
MIN
MAX
UNIT
Supply voltage, VDD
(1)
0.4
3.3
V
Input voltage, VI
0
VDD + 0.3
V
High-level input voltage, VIH at MR, WDI
0.7
× V
DD
V
Low-level input voltage, VIL at MR, WDI
0.3
× V
DD
V
Input transition rise and fall rate at
Δt/ΔV at MR, WDI
100
ns/V
Operating temperature range, TA
–40
+85
°C
(1)
For proper operation of SENSE, PFI, and WDI functions: VDD ≥ 0.8 V.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 3.3 V, IOH = –3 mA
VDD = 1.8 V, IOH = –2 mA
0.8
× V
DD
V
VOH
High-level output voltage
VDD = 1.5 V, IOH = –1 mA
VDD = 0.9 V, IOH = –0.4 mA
VDD = 0.5 V, IOH = –5 μA
0.7
× V
DD
V
VDD = 3.3 V, IOL = 3 mA
VDD = 1.5 V, IOL = 2 mA
VOL
Low-level output voltage
0.3
V
VDD = 1.2 V, IOL = 1 mA
VDD = 0.9 V, IOL = 500 μA
VOL
Low-level output voltage
RESET only
VDD = 0.4 V, IOL = 5 μA
0.1
V
TPS31xxE09
0.854
0.860
0.866
TPS31xxE12
1.133
1.142
1.151
TPS31xxE15
1.423
1.434
1.445
Negative-going input
VIT–
TA = +25°C
V
threshold voltage(1)
TPS31xxE16
1.512
1.523
1.534
TPS31xxH20
1.829
1.843
1.857
TPS31xxK33
2.919
2.941
2.963
Negative-going input
VIT – (S)
SENSE, PFI
VDD ≥ 0.8 V, TA = +25°C
0.542
0.551
0.559
V
threshold voltage(1)
0.8 V
≤ VIT < 1.5 V
20
VHYS
Hysteresis at VDD input
1.6 V
≤ VIT < 2.4 V
30
mV
2.5 V
≤ VIT < 3.3 V
50
Temperature coefficient of VIT−, PFI,
T(K)
TA = –40°C to +85°C
–0.012
–0.019
%/K
SENSE
VHYS
Hysteresis at SENSE, PFI input
VDD ≥ 0.8 V
15
mV
MR
MR = VDD, VDD = 3.3 V
–25
25
IIH
High-level input current
nA
SENSE, PFI,
SENSE, PFI, WDI = VDD,
–25
25
WDI
VDD = 3.3 V
(1)
To ensure the best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be placed close to the supply
terminals.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com