Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 2Page - Texas Instruments SN0402002DBVR Datasheet HTML 3Page - Texas Instruments SN0402002DBVR Datasheet HTML 4Page - Texas Instruments SN0402002DBVR Datasheet HTML 5Page - Texas Instruments SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
_
+
_
+
ResetLogic
andTimer
0.551V
V
DD
MR
SENSE
GND
RESET
Watchdog
Logicand
Control
WDI
TPS3110
V
IT-
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
Table 1. TPS3103 FUNCTION TABLE
MR
V(PFI) > 0.551 V
VDD > VIT
RESET
PFO
L
0
X(1)
L
L
L
1
X
L
H
H
0
0
L
L
H
0
1
H
L
H
1
0
L
H
H
1
1
H
H
(1)
X = Don’t care.
Table 2. TPS3106 FUNCTION TABLE
MR
V(SENSE) > 0.551 V
VDD > VIT
RSTVDD
RSTSENSE
L
X(1)
X
L
L
H
0
0
L
L
H
0
1
H
L
H
1
0
L
H
H
1
1
H
H
(1)
X = Don’t care.
Table 3. TPS3110 FUNCTION TABLE(1)
MR
V(SENSE) > 0.551 V
VDD > VIT
RESET
L
X(2)
X
L
H
0
0
L
H
0
1
L
H
1
0
L
H
1
1
H
(1)
Function of watchdog-timer not shown.
(2)
X = Don’t care.
6
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com