Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 6Page - Texas Instruments SN0402002DBVR Datasheet HTML 7Page - Texas Instruments SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments SN0402002DBVR Datasheet HTML 11Page - Texas Instruments SN0402002DBVR Datasheet HTML 12Page - Texas Instruments SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Timing Diagram for TPS3110
V
DD
V
IT
0.4V
t
t
OutputCondition
Undefined
OutputCondition
Undefined
t
t
D
V
IT
(S)
-
=0.551V
SENSE
RESET
WDI
MR
t
D
t
D
t
D
t
D
t
D
t
(TOUT)
x=Don’tCare
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
T
C
°
=85
A
T
C
°
=25
A
T
C
°
=0
A
T = 40 C
-
°
A
V
SupplyVoltage
-
V
-
DD
SENSE=V
DD
MR =Open
RESET =Open
WDI:Triggered
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.2
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
2.0
T =25 C
°
A
T =0 C
°
A
T
40 C
-
°
A =
T =85 C
A
°
I
Low-LevelOutputCurrent
OL -
- mA
V
=0.9V
DD
SENSE=GND
MR =GND
WDI=GND
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
TPS3110E09
TPS3110E09
SUPPLY CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 1.
Figure 2.
10
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com