Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
21
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.12 True IDE Mode I/O Input (Read) Timing Specification
Note: The maximum load on -IOIS16 is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
2-7: TRUE IDE MODE I/O READ TIMING DIAGRAM
TABLE
2-9: TRUE IDE MODE I/O READ TIMING DIAGRAM
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds.
Max1
Data Delay after IORD
td(IORD)
tlGLQV
50
Data Hold following IORD
th(IORD)
tlGHQX
5
IORD Width Time
tw(IORD)
tlGLIGH
70
Address Setup before IORD
tsuA(IORD)
tAVIGL
25
Address Hold following IORD
thA(IORD)
tlGHAX
10
CE Setup before IORD
tsuCE(IORD)
tELIGL
10
CE Hold following IORD
thCE(IORD)
tlGHEH
5
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
20
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
20
T2-9.2 375
375 ILL2-7.0
-CE
tdrIOIS16(ADR)
tdfIOIS16(ADR)
thA(IORD)
thCE(IORD)
td(IORD)
th(IORD)
tsuA(IORD)
tsuCE(IORD)
tw(IORD)
An
-IORD
-IOIS16
Dout
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com