Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST48CF048 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SST is an authorized licensee of the CompactFlash™ and CF[logo]™ trademarks. Some data and tables are reproduced from the
CompactFlash Specification by permission of the CompactFlash Association. These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
CompactFlash Association specification
standard
•
8, 16, 24, 32, 48, 64, 96, 128, 192, and 256 MByte
capacities
•
Small Form Factor: 36.4 mm x 42.8 mm x 3.3 mm
•
Supports 5.0-Volt and 3.3-Volt Read and Write
– 4.5-5.5V, 3.135-3.465V for commercial
•
PC Card ATA and True IDE interface
– 512 Bytes sector
– ATA command set compatible
•
Low Power Consumption:
– Active mode: 35 mA/55 mA (3.3V/5.0V)(typical)
– Sleep mode: 100 µA/150 µA (3.3V/5.0V)(typical)
•
Data Transfer Rate to/from Host
– 20 MB/s burst at 5.0V
– 6.6 MB/s burst at 3.3V
•
High Performance
– Up to 1.4 MB/sec sustained write transfer rate
(host to flash)
•
Controller Overhead Command to DRQ
– Less than 0.5 ms
•
Zero Data Retention Power
– Batteries not required for data storage
•Start Up Time
– Sleep to Read: 200 ns
– Sleep to Write: 200 ns
– Reset to Ready: 50 ms typical, 400 ms Max.
•
Support for Commercial Temperature Range
– 0°C to +70°C for operating commercial
– -25°C to +85°C non-operating (storage)
•
Extremely Rugged and Reliable
– Built-in ECC support corrects 3 random Bytes
error per 512 Byte sector
– 2000 G operating and non-operating shock
•
Intelligent ATA/IDE Controller
– Built-in microcontroller with intelligent firmware
– 256 Bytes of attribute memory for storing CIS
information
– Supports multiple-sector Read/Write operation
to enhance system performance
•
Power Management Unit
– Immediate disabling of unused circuitry
PRODUCT DESCRIPTION
SST’s CompactFlash (CF) card is an ultra-small, low cost,
high performance, removable flash memory data storage
system. This technology is well suited for solid state mass
storage portable applications offering new and expanded
functionality while enabling smaller and lighter designs.
CompactFlash technology is widely used in a variety of
consumer products such as portable computers, digital
cameras, handheld data collection scanners, Personal
Digital Assistants (PDAs), handy terminals, audio players,
monitoring devices and set-top boxes.
SST’s CompactFlash products provide complete PCMCIA-
ATA functionality and compatibility. This is achieved
because the 50-pin CF card can be easily slipped into a
passive 68-pin Type II adapter card that fully meets PCM-
CIA electrical and mechanical interface specifications.
SST’s CompactFlash products are also fully compliant with
CFA standards. The SST CF card is read and written to
using a single power supply of 5.0V or 3.3V and is available
in 8 to 256 MByte densities.
SST’s CompactFlash cards contain additional attribute
memory of 256 Bytes for storing the Card Information
Structure (CIS) information. SST’s CompactFlash card has
built in microcontroller and file management firmware that
communicates with ATA standard interfaces; therefore, the
SST’s CompactFlash cards do not require additional soft-
ware for the host, such as Flash File System (FFS) and
Memory Technology Driver (MTD).
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
SST48CFxxxATA/IDE Standard CompactFlash Card
8MB / 16MB / 24MB / 32MB / 48MB / 64MB / 96MB / 128MB / 192MB / 256MB


Similar Part No. - SST48CF048

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST4 BEL-SST4 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SST4 BEL-SST4 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST4 BEL-SST4 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Micross Components
SST401 MICROSS-SST401 Datasheet
282Kb / 1P
Linear Systems replaces discontinued Siliconix SST401
SST401_PDIP MICROSS-SST401_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - SST48CF048

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
CompactFlash Card Controller
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
2004-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com