Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
-CSEL
(PC Card Memory Mode)
I
39
This signal is not used for this mode.
-CSEL
(PC Card I/O Mode)
This signal is not used for this mode.
-CSEL
(True IDE Mode)
This internally pulled up signal is used to configure this device as a
Master or a Slave when configured in the True IDE Mode. When this
pin is grounded, this device is configured as a Master. When the pin
is open, this device is configured as a Slave.
D15 - D00
(PC Card Memory Mode)
I/O
31,30,29,28,
27,49,48,47,
6,5,4,3,2,
23, 22, 21
These lines carry the Data, Commands and Status information
between the host and the controller. D00 is the LSB of the Even Byte
of the Word. D08 is the LSB of the Odd Byte of the Word.
D15 - D00
(PC Card I/O Mode)
This signal is the same as the PC Card Memory Mode signal.
D15 - D00
(True IDE Mode)
In True IDE Mode, all Task File operations occur in Byte-Mode on the
low order bus D00-D07 while all data transfers are 16 bit using D00-
D15.
GND
(PC Card Memory Mode)
-
1,50
Ground.
GND
(PC Card I/O Mode)
This signal is the same for all modes.
GND
(True IDE Mode)
This signal is the same for all modes.
-INPACK
(PC Card Memory Mode)
O
43
This signal is not used in this mode.
-INPACK
(PC Card I/O Mode)
Input Acknowledge
The Input Acknowledge signal is asserted by the CompactFlash
Card when the card is selected and responding to an I/O read cycle
at the address that is on the address bus. This signal is used by the
host to control the enable of any input data buffers between the Com-
pactFlash card and the CPU.
-INPACK
(True IDE Mode)
In True IDE Mode this output signal is not used and should not be
connected at the host.
-IORD
(PC Card Memory Mode)
I
34
This signal is not used in this mode.
-IORD
(PC Card I/O Mode)
This is an I/O Read strobe generated by the host. This signal gates
I/O data onto the bus from the CompactFlash Card when the card is
configured to use the I/O interface.
-IORD
(True IDE Mode)
In True IDE Mode, this signal has the same function as in PC Card
I/O Mode.
-IOWR
(PC Card Memory Mode)
I
35
This signal is not used in this mode.
-IOWR
(PC Card I/O Mode)
The I/O Write strobe pulse is used to clock I/O data on the Card Data
bus into the CompactFlash card controller registers when the Com-
pactFlash card is configured to use the I/O interface.
-IOWR
(True IDE Mode)
The clocking will occur on the negative to positive edge of the signal
(trailing edge). In True IDE Mode, this signal has the same function
as in PC Card I/O Mode.
TABLE
2-2: SIGNAL DESCRIPTION (CONTINUED) (2 OF 4)
Symbol
Type1
Pin
Name and Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com