Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 59 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 59 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 60Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
59
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
6.0 PRODUCT ORDERING INFORMATION
6.1 Valid combinations
SST48CF008-C1
SST48CF016-C1
SST48CF024-C1
SST48CF032-C1
SST48CF048-C1
SST48CF064-C1
SST48CF096-C1
SST48CF128-C1
SST48CF192-C1
SST48CF256-C1
Note:
Valid combinations are those products in mass production
or will be in mass production. Consult your SST sales repre-
sentative to confirm availability of valid combinations and to
determine availability of new combinations.
SST
48 CF
192
- C 1
XX XX
XXX
X X
Card Thickness Code
1 = 3.3 mm
Operating Temperature
C = Commercial: 0°C to +70°C
Device Density
008 =
8 MByte
016 = 16 MByte
024 = 24 MByte
032 = 32 MByte
048 = 48 MByte
064 = 64 MByte
096 = 96 MByte
128 = 128 MByte
192 = 192 MByte
256 = 256 MByte
Device Family
ATA/IDE Standard CompactFlash Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com