Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.9 Common Memory Write Timing Specification
FIGURE
2-4: COMMON MEMORY WRITE TIMING DIAGRAM
TABLE
2-6: COMMON MEMORY WRITE TIMING
Item
Symbol
IEEE Symbol
Min1 ns
1. All times are in nanoseconds.
All AC specifications are guaranteed by design.
Max1 ns
Data Setup before WE
tsu(D-WEH)
tDVWH
40
Data Hold following WE
th(D)
tWMDX
15
WE Pulse Width
tw(WE)
tWLWH
60
Address Setup Time
tsu(A)
tAVWL
10
CE Setup before WE
tsu(CE)
tELWL
0
Write Recovery Time
trec(WE)
tWMAX
15
Address Hold Time
th(A)
tGHAX
15
CE Hold following WE
th(CE)
tGHEH
15
T2-6.1 375
375 ILL2-4.0
-REG
th(CE)
trec(WE)
th(D)
tsu(CE)
tw(WE)
tsu(D-WEH)
Din Valid
tsu(A)
th(A)
An
-CE
-WE
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com