Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
17
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.8 Common Memory Read Timing Specification
FIGURE
2-3: COMMON MEMORY READ TIMING DIAGRAM
TABLE
2-5: COMMON MEMORY READ TIMING
Item
Symbol
IEEE Symbol
Min1 ns
1. All times are in nanoseconds.
All AC specifications are guaranteed by design.
Max1 ns
Output Enable Access Time
ta(OE)
tGLQV
50
Output Disable Time from OE
tdis(OE)
tGHQZ
50
Address Setup Time
tsu(A)
tAVGL
10
Address Hold Time
th(A)
tGHAX
15
CE Setup before OE
tsu(CE)
tELGL
0
CE Hold following OE
th(CE)
tGHEH
15
T2-5.1 375
375 ILL2-3.0
-REG
th(CE)
tdis(OE)
tsu(CE)
ta(OE)
tsu(A)
th(A)
An
-CE
-OE
Dout
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com