Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF048 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST48CF048
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF048 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST48CF048 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF048 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
13
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3 Electrical Specification
The following table defines all D.C. Characteristics for the SST CompactFlash card product family.
Unless otherwise stated, conditions are:
Non operating (storage) temperature range -25°C to +85°C
VDD = 4.5-5.5V
VDD = 3.135-3.465V
Ta = 0°C to +70°C
CompactFlash products shall operate correctly in both voltage ranges as shown in the table above. To comply with
this specification, current requirements must not exceed the maximum limit.
2.3.1 Input Leakage Current
In the table below, x refers to the characteristics described in Section 2.3.2. For example, I1U indicates a pull up
resistor with a type 1 input characteristic.
ABSOLUTE MAXIMUM CONDITIONS
Parameter
Symbol
Conditions
Input Power
VDD
-0.3V min. to 6.5V Max
Voltage on any pin except VDD with respect to GND
V
-0.5V min. to VDD + 0.5V Max
INPUT POWER
Voltage
Maximum Average RMS
Active Current
Maximum Average RMS
Sleep Current
Measurement Method
3.135-3.465V
75 mA
200 µA
3.3V at 25°C1
1. Current measurement is accomplished by connecting an amp meter (set to the 2 amp scale range) in series with the
VDD supply to
the CompactFlash card. Current measurements are to be taken while looping on a data transfer command with a sector count of 128.
Current consumption values for both Read and Write commands are not to exceed the Maximum Average RMS Current specified in
this table
4.5-5.5V
100 mA
300 µA
5.0V at 25°C1
Type
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IxZ
Input Leakage Current
IL
VIH = VDD / VIL = GND
-1
1
µA
IxU
Pull Up Resistor
RPU1
VDD = 5.0V
50k
500k
Ohm
IxD
Pull Down Resistor
RPD1
VDD = 5.0V
50k
500k
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com