Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 13Page - Texas Instruments CDCLVC1310 Datasheet HTML 14Page - Texas Instruments CDCLVC1310 Datasheet HTML 15Page - Texas Instruments CDCLVC1310 Datasheet HTML 16Page - Texas Instruments CDCLVC1310 Datasheet HTML 17Page - Texas Instruments CDCLVC1310 Datasheet HTML 18Page - Texas Instruments CDCLVC1310 Datasheet HTML 19Page - Texas Instruments CDCLVC1310 Datasheet HTML 20Page - Texas Instruments CDCLVC1310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Differential input
SE input
Output enable OE
Output Yx
t
3
t
4
or
X_INP
X_INN
X_INP
MUX isolation
Yx, if MUX selects active input signal
Yx, if MUX selects static input signal
Frequency [MHz]
f
carrier
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
If the outputs are in the high-impedance state and OE is pulled to HIGH, all outputs are forced to LOW
asynchronously (t3). Within two clock cycles (maximum), the outputs start switching again (t4), after a falling
edge of the input signal (see Figure 17).
Figure 17. OE: Enable Outputs
If the outputs are in the high-impedance state and the input is static (no clock signal), OE works fully
asynchronously. A transition of OE from LOW to HIGH forces the outputs to LOW. A transition from HIGH to
LOW does not force to the high-impedance state again. Therefore, a falling edge of the input signal is needed
(see Figure 16).
MUX Isolation
MUX isolation is defined as difference in output amplitude (dB) with an active or a static input signal.
Figure 18. Output Spectrum of an Active and a Static Input Signal
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com