Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 9Page - Texas Instruments CDCLVC1310 Datasheet HTML 10Page - Texas Instruments CDCLVC1310 Datasheet HTML 11Page - Texas Instruments CDCLVC1310 Datasheet HTML 12Page - Texas Instruments CDCLVC1310 Datasheet HTML 13Page - Texas Instruments CDCLVC1310 Datasheet HTML 14Page - Texas Instruments CDCLVC1310 Datasheet HTML 15Page - Texas Instruments CDCLVC1310 Datasheet HTML 16Page - Texas Instruments CDCLVC1310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LVC1310
output
VDDO
Z = 50
O
W
LVCMOS
input
10 pF
R
35
, 30
, 20
, 10
(V
= 3.3 V, 2.5 V, 1.8 V, 1.5 V)
S
DDO
»
W
W
W
W
Yx
V
OUT
t
R
t
F
80%
20%
0V
Differential
LVCMOS
LVCMOS
LVCMOS
t
PD
t
SK
PRI_IN/SEC_IN
PRI_IN/SEC_IN (N)
PRI_IN/SEC_IN (P)
Yx
Yy
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
APPLICATION INFORMATION
Typical Application Load
Figure 9. LVCMOS Output DC Configuration: Typical Application Load
Parameter Measurement Information
Figure 10. LVCMOS Output Voltage and Rise/Fall Time
Figure 11. Differential and Single-Ended Output Skew and Propagation Delay
Crystal Oscillator Input
The crystal oscillator circuit is characterized with 18-pF parallel resonant crystals. C1 and C2 were chosen to
minimize the ppm error. ROPTIONAL can be placed to limit the drive level of the oscillator circuit.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com