Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 10Page - Texas Instruments CDCLVC1310 Datasheet HTML 11Page - Texas Instruments CDCLVC1310 Datasheet HTML 12Page - Texas Instruments CDCLVC1310 Datasheet HTML 13Page - Texas Instruments CDCLVC1310 Datasheet HTML 14Page - Texas Instruments CDCLVC1310 Datasheet HTML 15Page - Texas Instruments CDCLVC1310 Datasheet HTML 16Page - Texas Instruments CDCLVC1310 Datasheet HTML 17Page - Texas Instruments CDCLVC1310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Crystal
C
1
C
2
XIN
XOUT
R
OPTIONAL
VDD
R
INT
Clock Generator:
VDD
XIN
XOUT
Rs
R
+ R = 50
INT
s
W
R = 100
1
W
C = 0.1 F
m
Z = 50
o
W
R = 100
2
W
CDCLVC1310
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
www.ti.com
Figure 12. Crystal Reference Input
The input XIN can accept single-ended LVCMOS signals in two configurations. It is possible to overdrive the
oscillator stage or to use a pure LVCMOS input (see Table 1). If the oscillator stage is overdriven, the input must
be ac-coupled with a capacitor (see Figure 13). Otherwise, if the bypass mode is selected, a coupling capacitor
is not required.
NOTE
If overdrive or bypass mode is used, the device is functional, but the ac parameters may
not be met.
Figure 13. Single-Ended Crystal Input
Phase Noise Performance
The CDCLVC1310 provides ultralow phase-noise outputs (noise floor =
–170 dBc/Hz) if a crystal is attached to it.
Figure 14 shows the phase-noise plot of the CDCLVC1310 with a 25-MHz crystal at VDD = VDDO = 3.3 V and
room temperature.
14
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com