Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVC1310 Datasheet HTML 1Page - Texas Instruments CDCLVC1310 Datasheet HTML 2Page - Texas Instruments CDCLVC1310 Datasheet HTML 3Page - Texas Instruments CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
Ten-Output Low-Jitter Low-Power Clock Buffer
Check for Samples: CDCLVC1310
1
FEATURES
APPLICATIONS
•
High-Performance Crystal Buffer With Ultralow
•
Wireless and Wired Infrastructure
Noise Floor of
–169 dBc/Hz
•
Networking and Data Communications
•
Additive Phase Noise/Jitter Performance Is
•
Medical Imaging
25 fsRMS (Typ.)
•
Portable Test and Measurement
•
Operates with 3.3-V/2.5-V Core and
•
High-End A/V
3.3-V/2.5-V/1.8-V/1.5-V Output Supply
•
Device inputs consist of primary, secondary
DESCRIPTION
and crystal inputs and can be selected
The CDCLVC1310 is a highly versatile, low-jitter,
manually (through pins) using the input MUX.
low-power clock fanout buffer which can distribute to
The primary and secondary inputs can accept
ten low-jitter LVCMOS clock outputs from one of
LVPECL, LVDS, HCSL, SSTL or LVCMOS
three inputs, whose primary and secondary inputs
can feature differential or single-ended signals and
signals and crystal input.
crystal input. Such a buffer is intended for use in a
– Crystal Frequencies Supported Are From
variety of mobile and wired infrastructure, data
8 MHz to 50 MHz
communication,
computing,
low-power
medical
– Differential and Single-Ended Input
imaging,
and
portable
test
and
measurement
Frequencies Supported Are up to 200 MHz
applications. When the input is an illegal level, the
output is at a defined state. The core can be set to
•
10 Single-Ended LVCMOS Outputs. The
2.5 V or 3.3 V, and output can be set to 1.5 V, 1.8 V,
outputs can operate at 1.5-V, 1.8-V, 2.5-V or
2.5 V or 3.3 V. The CDCLVC1310 can be easily
3.3-V Power-Supply Voltage.
configured through pin programming. The overall
– LVCMOS Outputs Operate up to 200 MHz
additive jitter performance is 25 fsRMS (typ). The
CDCLVC1310 is packaged in a small 32-pin 5-mm
×
– Output Skew Is 30 ps (typ)
5-mm QFN package.
– Total Propagation Delay Is 2 ns (typ)
– Synchronous and Glitch-Free Output
Enable Is Available
•
Offered in QFN-32 5-mm
× 5-mm Package With
Industrial Temperature Range of
–40°C to 85°C
•
Crystal Input Can Be Overdriven With
LVCMOS Signal up to 50 MHz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVC1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1310 TI2-CDCLVC1310 Datasheet
1Mb / 31P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
REVISED JANUARY 2014
CDCLVC1310RHBR TI1-CDCLVC1310RHBR Datasheet
1Mb / 30P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
CDCLVC1310RHBR TI2-CDCLVC1310RHBR Datasheet
1Mb / 31P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
REVISED JANUARY 2014
CDCLVC1310RHBR.B TI2-CDCLVC1310RHBR.B Datasheet
1Mb / 31P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
REVISED JANUARY 2014
CDCLVC1310RHBRG4 TI2-CDCLVC1310RHBRG4 Datasheet
1Mb / 31P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
REVISED JANUARY 2014
More results

Similar Description - CDCLVC1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Integrated Device Techn...
IDT8T53S111I IDT-IDT8T53S111I Datasheet
501Kb / 18P
Ten low skew, low additive jitter LVPECL outputs
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com