Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments CDCLVC1310 Datasheet HTML 10Page - Texas Instruments CDCLVC1310 Datasheet HTML 11Page - Texas Instruments CDCLVC1310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CDCLVC1310
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
www.ti.com
LVCMOS OUTPUT CHARACTERISTICS
over recommended ranges of supply voltage (VDDO
≤ VDD), load (50 Ω to VDDO/2), and ambient temperature (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
200
MHz
VDDO = 3.135 V
2.5
VDDO = 2.375 V
1.8
VOH
Output high voltage
V
VDDO = 1.6 V
1.15
VDDO = 1.35 V
0.95
VDDO = 3.135 V
0.5
VDDO = 2.375 V
0.4
VOL
Output low voltage
V
VDDO = 1.6 V
0.4
VDDO = 1.35 V
0.4
VDDO = 3.3 V
15
VDDO = 2.5 V
20
ROUT
Output impedance
Ω
VDDO = 1.8 V
25
VDDO = 1.5 V
30
tSLEW-RATE
Output rise/fall slew rate
20% to 80%
5
V/ns
tSK
Output skew
30
50
ps
tSK,PP
Part-to-part skew(1)
2
ns
tDELAY
Propagation delay
2
ns
Single-ended input, VDD = 3.3 V,
25
VDDO = 3.3 V
Single-ended input, VDD = 2.5 V/3.3
V, VDDO = 1.5 V/1.8 V/2.5 V, fIN/OUT
30
= 125 MHz
tRJIT
System-level additive jitter(2)
fS, RMS
Differential input, VDD = 3.3 V,
30
VDDO = 3.3 V
Differential input, VDD = 2.5V/3.3V,
VDDO = 1.5V/1.8V/2.5V, fIN/OUT =
30
125 MHz
10-kHz offset(3)
–145
100-kHz offset(3)
–156
1-MHz offset(3)
–163
10-MHz offset(3)
–164
20-MHz offset(3)
–164
NF
Noise floor
dBc/Hz
10-kHz offset(4)
–145
100-kHz offset(4)
–155
1-MHz offset(4)
–160
10-MHz offset(4)
–161
20-MHz offset(4)
–162
odc
Output duty cycle
fIN/OUT = 125 MHz, idc = 50%
(5)
45%
55%
tEN
Output enable/disable time
2
Cycle
MUXISOLAT
MUX isolation(6)
125 MHz
55
dB
ION
(1)
Part-to-part skew is calculated as the difference between the fastest and the slowest tpd across multiple devices.
(2)
Integration range: 12 kHz
–20 MHz; input source see Application Information
(3)
Single-ended input, fIN/OUT = 125 MHz, VDD = VDDO = 3.3 V
(4)
Differential input, fIN/OUT = 125 MHz, VDD = VDDO = 3.3 V
(5)
Stable VIH, VIL, and VCM
(6)
See Figure 18.
8
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com