Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVC1310 Datasheet HTML 1Page - Texas Instruments CDCLVC1310 Datasheet HTML 2Page - Texas Instruments CDCLVC1310 Datasheet HTML 3Page - Texas Instruments CDCLVC1310 Datasheet HTML 4Page - Texas Instruments CDCLVC1310 Datasheet HTML 5Page - Texas Instruments CDCLVC1310 Datasheet HTML 6Page - Texas Instruments CDCLVC1310 Datasheet HTML 7Page - Texas Instruments CDCLVC1310 Datasheet HTML 8Page - Texas Instruments CDCLVC1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
Table 3. OE Function
OE
Yx
0
High-impedance
1
Enabled
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD, VDDO
Supply voltage range
–0.5 to 4.6
V
VIN
Input voltage range
–0.5 to VDD + 0.5
V
VOUT
Output voltage range
–0.5 to VDDO + 0.5
V
IIN
Input current
±20
V
IOUT
Output current
±50
V
Tstg
Storage temperature range
–65 to 150
°C
TJ
Junction temperature
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
3.135
3.3
3.465
2.375
2.5
2.625
VDDO
Output supply voltage
V
1.6
1.8
2
1.35
1.5
1.65
3.135
3.3
3.465
VDD
Core supply voltage
V
2.375
2.5
2.625
IOH
High-level output current, LVCMOS
–24
mA
IOL
Low-level output current, LVCMOS
24
mA
TA
Ambient temperature
–40
85
°C
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com