Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1310 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 17Page - Texas Instruments CDCLVC1310 Datasheet HTML 18Page - Texas Instruments CDCLVC1310 Datasheet HTML 19Page - Texas Instruments CDCLVC1310 Datasheet HTML 20Page - Texas Instruments CDCLVC1310 Datasheet HTML 21Page - Texas Instruments CDCLVC1310 Datasheet HTML 22Page - Texas Instruments CDCLVC1310 Datasheet HTML 23Page - Texas Instruments CDCLVC1310 Datasheet HTML 24Page - Texas Instruments CDCLVC1310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Ferrite Bead
Board
Supply
VDD
Chip
Supply
C
1 µF
C
10 µF
6 xC
0.1 µF
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
Power Supply Filtering
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
jitter/phase noise is very critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from power supply, where the bypass capacitors
provide the very low-impedance path for high-frequency noise and guard the power-supply system against
induced fluctuations. The bypass capacitors also provide instantaneous current surges as required by the device,
and should have low ESR. To use the bypass capacitors properly, they must be placed very close to the power
supply pins and must be laid out with short loops to minimize inductance. It is recommended to add as many
high-frequency (for example, 0.1-
µF) bypass capacitors as there are supply pins in the package. It is
recommended, but not required, to insert a ferrite bead between the board power supply and the chip power
supply to isolate the high-frequency switching noises generated by the clock driver, preventing them from leaking
into the board supply. Choosing an appropriate ferrite bead with very low dc resistance is important, because it is
imperative to provide adequate isolation between the board supply and the chip supply, and to maintain a
voltage at the supply pins that is greater than the minimum voltage required for proper operation.
Figure 24. Power-Supply Decoupling
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com