Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 7Page - STMicroelectronics AN1794 Datasheet HTML 8Page - STMicroelectronics AN1794 Datasheet HTML 9Page - STMicroelectronics AN1794 Datasheet HTML 10Page - STMicroelectronics AN1794 Datasheet HTML 11Page - STMicroelectronics AN1794 Datasheet HTML 12Page - STMicroelectronics AN1794 Datasheet HTML 13Page - STMicroelectronics AN1794 Datasheet HTML 14Page - STMicroelectronics AN1794 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AN1794
BLDC motor drive
11/34
5
BLDC motor drive
After the system has established the connection to the interface board, it will initialize the
settings to the last stored settings and open the appropriate practiSPIN software for the
selected motor type. For BLDC motor drive, the system operates in an open loop duty cycle
control mode with cycle-by-cycle current limit.
5.1
BLDC motor control mode
1.
Direction: in the direction box for each motor, click the toggle switch to pick forward or
reverse. This is somewhat arbitrary since we probably don't know what the direction
sense of the motor will be. Once the motor is running, toggle this switch to reverse the
motor direction if desired.
2.
Braking: toggle the "Brake when Stop" switch to the OFF position. This will cause the
motor to coast to rest when stopped, with the bridge placed in a high impedance state.
If desired this function can later be toggled on but some care should be exercised.
Braking will effectively short out the motor armature through three transistors in the
bridge, which could cause excessive current and power dissipation if the motor and
load have a large moment of inertia (thus a large amount or stored mechanical to be
dissipated) or the motor has a very low resistance (resulting in a large current flow).
Most smaller BLDC motors with several ohms of resistance do not pose a risk.
3.
Current: set the current to approximately 25%. This is an initial guess as to the required
setting and may need further adjustment.
4.
Voltage: set the voltage to approximately 50%.
5.
Run: make sure that the motor is free to turn in either direction and click the run button.
The motor should come up to approximately half of the speed that would be expected
at this supply voltage. To change the motor direction, click the direction toggle switch. If
the motor does not run click the stop button, increase the current settings to 50%, and
click run button. If the motor still does not run an oscilloscope and current probe should
be used to observe the motor current.
6.
Stop: click stop to stop the motor.
After the basic operation of the system has been verified, adjust voltage, current, direction
and other parameters to evaluate the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com