Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 13Page - STMicroelectronics AN1794 Datasheet HTML 14Page - STMicroelectronics AN1794 Datasheet HTML 15Page - STMicroelectronics AN1794 Datasheet HTML 16Page - STMicroelectronics AN1794 Datasheet HTML 17Page - STMicroelectronics AN1794 Datasheet HTML 18Page - STMicroelectronics AN1794 Datasheet HTML 19Page - STMicroelectronics AN1794 Datasheet HTML 20Page - STMicroelectronics AN1794 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AN1794
EVAL6206N board configuration
17/34
7.1
Vref offset adjustment (R18)
Using a voltmeter monitor the voltage at jumper JP6 or JP7 the EVAL6206N board with
respect to GND (CN1) when calibrating the offset.
7.2
Current scaling
When potentiometers R20 and R26 are set full clockwise, a 100% current setting on the
practiSPIN software screen corresponds to a Vref of approximately 0.88 Vdc or a peak
motor current of about 2.64 A.
The peak current can be set to a lower value by adjusting R17 and R21. The reference
voltage inputs can be monitored at JP6 and JP7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com