Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 25Page - STMicroelectronics AN1794 Datasheet HTML 26Page - STMicroelectronics AN1794 Datasheet HTML 27Page - STMicroelectronics AN1794 Datasheet HTML 28Page - STMicroelectronics AN1794 Datasheet HTML 29Page - STMicroelectronics AN1794 Datasheet HTML 30Page - STMicroelectronics AN1794 Datasheet HTML 31Page - STMicroelectronics AN1794 Datasheet HTML 32Page - STMicroelectronics AN1794 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN1794
EVAL6208PD board configuration
29/34
11.1
Vref offset adjustment (R18)
Using a voltmeter monitor the voltage at the VrefA or VrefB test point on the EVAL6208PD
board with respect to GND (CN1) when calibrating the offset.
11.2
Current scaling
When potentiometers R8 and R17 are set full clockwise, a 100% current setting on the
practiSPIN software screen corresponds to a Vref of approximately 0.88 Vdc or a peak
motor current of about 4.4 A. The peak current can be set to a lower value by adjusting R15
and R18. The reference voltage inputs can be monitored at the VrefA or VrefB test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com