Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 19Page - STMicroelectronics AN1794 Datasheet HTML 20Page - STMicroelectronics AN1794 Datasheet HTML 21Page - STMicroelectronics AN1794 Datasheet HTML 22Page - STMicroelectronics AN1794 Datasheet HTML 23Page - STMicroelectronics AN1794 Datasheet HTML 24Page - STMicroelectronics AN1794 Datasheet HTML 25Page - STMicroelectronics AN1794 Datasheet HTML 26Page - STMicroelectronics AN1794 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN1794
EVAL6207N board configuration
23/34
9.1
Vref offset adjustment (R18)
Using a voltmeter monitor the voltage at the VrefA or VrefB test point on the EVAL6207N
board with respect to GND (CN1) when calibrating the offset.
9.2
Current scaling
When potentiometers R20 and R26 are set full clockwise, a 100% current setting on the
practiSPIN software screen corresponds to a Vref of approximately 0.88 Vdc or a peak
motor current of about 2.64 A.
The peak current can be set to a lower value by adjusting R15 and R18. The reference
voltage inputs can be monitored at the VrefA or VrefB test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com