Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 10Page - STMicroelectronics AN1794 Datasheet HTML 11Page - STMicroelectronics AN1794 Datasheet HTML 12Page - STMicroelectronics AN1794 Datasheet HTML 13Page - STMicroelectronics AN1794 Datasheet HTML 14Page - STMicroelectronics AN1794 Datasheet HTML 15Page - STMicroelectronics AN1794 Datasheet HTML 16Page - STMicroelectronics AN1794 Datasheet HTML 17Page - STMicroelectronics AN1794 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
EVAL6205N board configuration
AN1794
14/34
6.1
Vref offset adjustment (R18)
Using a voltmeter monitor the voltage at jumper JP4 or JP5 the EVAL6205N board with
respect to GND (CN1) when calibrating the offset.
6.2
Current scaling
When potentiometers R17 and R21 are set full clockwise, a 100% current setting on the
practiSPIN software screen corresponds to a Vref of approximately 0.88 Vdc or a peak
motor current of about 2.64 A.
The peak current can be set to a lower value by adjusting R17 and R21. The reference
voltage inputs can be monitored at JP4 and JP5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com