Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 8Page - STMicroelectronics AN1794 Datasheet HTML 9Page - STMicroelectronics AN1794 Datasheet HTML 10Page - STMicroelectronics AN1794 Datasheet HTML 11Page - STMicroelectronics AN1794 Datasheet HTML 12Page - STMicroelectronics AN1794 Datasheet HTML 13Page - STMicroelectronics AN1794 Datasheet HTML 14Page - STMicroelectronics AN1794 Datasheet HTML 15Page - STMicroelectronics AN1794 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
EVAL6205N board configuration
AN1794
12/34
6
EVAL6205N board configuration
The schematic of the EVAL6205N board is shown in Figure 3. To use the EVAL6205N board
with practiSPIN system, the following configuration settings must be made on the
EVAL6205N:
1.
Component updates: depending on the revision of the board, some or all of the
following changes may be required (or desirable):
a)
To assure safe overcurrent operation: change C6 and C7 to 5.6 nF Change R5
and R6 to 100 k
Ω.
b)
To assure an adequate 5 V supply, R2 may need to be changed. The minimum
value for R2 is (Vs-5)/(0.03+I)
Ω . Where: Vs is the supply voltage and I is any
additional load placed on the 5 V supply (in amps).
2.
JP1: place JP1 in the INT position to enable the on-board 5 Vdc supply.
3.
JP2 and JP3: install JP2 and JP3 to assure proper timing operation of the L6205's
internal high side overcurrent protection.
4.
JP4 and JP5: install JP4 and JP5 to configure the Vref circuits.
5.
R17 & R21: adjust multi-turn trim potentiometers R17 and R21 fully clockwise.
Note:
A slight click can be heard from the pot when it reaches its end of travel.
6.
R23 Adjust multi-turn trim pot R23 to the middle of its range. This pot sets the
frequency of the cycle-bycycle current controller and can be fine tuned while observing
the motor current on an oscilloscope or by simply adjusting to raise the frequency of the
audible switching noise to an inaudible level if required.
7.
Motor connections: connect the motor coils at CN3 and CN4. When driving a stepper
motor, one winding is connected to CN3 and the second winding is connected to CN4.
For operation with 2 DC motors one motor is connected to each connector.
8.
Power supply: connect, but do not energize, a 12 to 48 Vdc power supply at CN1
(positive to Vin and negative to GND).
9.
Using a 34 pin ribbon cable connect the EVAL6205N board to the control interface
board. The two boards should be placed on the bench so that their 34 pin headers are
side by side with the ribbon cable going straight across. Set the following on the ST7
interface board.
10. WJ1: install WJ1 on the ST7 based control interface board. This allows 5 Vdc power to
be obtained from the target board.
11. JP1 and JP2 and R18: install the JP1 and JP2 jumpers to short the center and left pins
together as shown in Figure 2. This is critical as excessive motor current can result
from misplacement of these jumpers! Set potentiometer R18 to about 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com