Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1794 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1794
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1794 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1794 Datasheet HTML 26Page - STMicroelectronics AN1794 Datasheet HTML 27Page - STMicroelectronics AN1794 Datasheet HTML 28Page - STMicroelectronics AN1794 Datasheet HTML 29Page - STMicroelectronics AN1794 Datasheet HTML 30Page - STMicroelectronics AN1794 Datasheet HTML 31Page - STMicroelectronics AN1794 Datasheet HTML 32Page - STMicroelectronics AN1794 Datasheet HTML 33Page - STMicroelectronics AN1794 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
EVAL6235 board configuration
AN1794
32/34
12.1
Vref offset adjustment (R18)
Using a voltmeter monitor the voltage at the junction of R17 and R20 on the EVAL6235N
board with respect to GND (CN1) when calibrating the offset.
12.2
Current scaling
When potentiometer R22 is set full clockwise, a 100% current setting on the practiSPIN
software screen corresponds to a Vref of approximately 0.88 Vdc or a peak motor current of
about 4.4 A. The peak current can be set to a lower value by adjusting R22. The reference
voltage inputs can be monitored at the junction of R17 and R20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com