Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 14Page - NXP Semiconductors BGA7204 Datasheet HTML 15Page - NXP Semiconductors BGA7204 Datasheet HTML 16Page - NXP Semiconductors BGA7204 Datasheet HTML 17Page - NXP Semiconductors BGA7204 Datasheet HTML 18Page - NXP Semiconductors BGA7204 Datasheet HTML 19Page - NXP Semiconductors BGA7204 Datasheet HTML 20Page - NXP Semiconductors BGA7204 Datasheet HTML 21Page - NXP Semiconductors BGA7204 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
19
NXP Semiconductors RF Manual 16th edition
1.3.2 Basic TV tuner
Application diagram
bra500
RF input
MOSFET
VAGC
From antenna,
cable, active splitter,
etc.
MOPLL
IC
IF
Recommended products
Function
Product
Package
Type
Input filter
Varicap
diode
VHF low
SOD323
BB152
SOD523
BB182
VHF high
SOD323
BB153
SOD523
BB178
SOD523
BB187
SOD882D
BB178LX
SOD882D
BB187LX
UHF
SOD323
BB149A
SOD882D
BB179LX
SOD523
BB179
SOD523
BB189
Function
Product
Package
Type
RF
pre-amplifier
MOSFET
5 V
SOT143
BF1201
SOT143
BF1202
SOT143
BF1105
SOT143
BF1211
SOT143
BF1212
2-in-1 @ 5 V
SOT363
BF1102R
SOT363
BF1203
SOT363
BF1204
SOT363
BF1206
SOT363
BF1207
SOT666
BF1208
SOT666
BF1208D
SOT363
BF1210
SOT363
BF1214
SOT363
BF1218
V
Function
Product
Package
Type
Bandpass filter
Varicap
diode
VHF low
SOD323
BB152
SOD523
BB182
VHF high
SOD323
BB153
SOD882D
BB178LX
SOD523
BB178
SOD882D
BB187LX
SOD523
BB187
UHF
SOD323
BB149A
SOD882D
BB179LX
SOD523
BB179
SOD523
BB189
Function
Product
Package
Type
Oscillator
Varicap
diode
VHF low
SOD323
BB152
SOD523
BB182
VHF high
SOD323
BB153
SOD882D
BB178LX
SOD523
BB178
SOD882D
BB187LX
SOD523
BB187
UHF
SOD323
BB149A
SOD882D
BB179LX
SOD523
BB179
SOD523
BB189
Function
Product
Package
Type
RF
pre-amplifier
MOSFET
2-in-1 with
band switch
@ 5 V
SOT363
BF1215
2-in-1 @ 5 V
SOT363
BF1216
5 V
SOT343
BF1217
Product highlight:
BGU7045 1 GHz wideband low-noise amplifier
with bypass
The BGU7045 MMIC is a 3.3 V wideband amplifier with bypass mode.
It is designed specifically for high-linearity, low-noise applications
over a frequency range of 40 MHz to 1 GHz. It is especially suited
to set-top box applications. The LNA is housed in a 6-pin SOT363
plastic SMD package.
Features
` Internally biased
` Noise figure of 2.8 dB
` High linearity with an IP3
O of 29 dBm
` 75 Ω input and output impedance
` Power-down during bypass mode
` Bypass mode current consumption < 5 mA
` ESD protection > 2 kV HBM and >1.5 kV CDM on all pins
Function
Product
Package
Type
Bandswitching
Bandswitch diode
SOD523
BA277
SOD523
BA891
SOD523
BA591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com