Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 40Page - NXP Semiconductors BGA7204 Datasheet HTML 41Page - NXP Semiconductors BGA7204 Datasheet HTML 42Page - NXP Semiconductors BGA7204 Datasheet HTML 43Page - NXP Semiconductors BGA7204 Datasheet HTML 44Page - NXP Semiconductors BGA7204 Datasheet HTML 45Page - NXP Semiconductors BGA7204 Datasheet HTML 46Page - NXP Semiconductors BGA7204 Datasheet HTML 47Page - NXP Semiconductors BGA7204 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
45
NXP Semiconductors RF Manual 16th edition
aaa-000665
C23
C1
C26
C25
L2
RF_OUT
Csh
L1
C24
C27
C22
C12
C14
19
20
17
16
15
12
29
VDDA
VCC1
VDDD
SEROUT
SERIN
CLK
PUPMXG/
PWRDN
SS
VCC2
RF_OUT
RF_IN
C18
VSUP
C17
21
22
23
24
Schematic of BGA7210 evaluation board (OM7921)
The NXP BGA7204 and BGA7210 are monolithic digital
variable-gain amplifiers (VGAs) that operate over an extremely
wide range with high linearity and high output power.
Designed for the transmit path of wireless architectures, these
VGAs can be used to control the power level to the power
amplifier. The up-converted signals are fed to the VGA, and
thus help compensate for variations in cell load and the
presence of aging infrastructure equipment.
The BGA7204 operates in the range between 0.4 and 2.75 GHz,
while the BGA7210 operates between 0.7 and 3.8 GHz. By
supporting more than 2 GHz of bandwidth, these devices can
be used to populate several frequency bands.
An integrated power-save mode makes it possible to reduce
consumption even more, to just 15 mA during a receive slot.
This can effectively reduce the current consumption in Time
Division Duplexing (TDD) systems up to 45%.
The BGA7210 builds on the BGA7204 by adding flexible
current setting across its two amplifiers, depending on the
attenuation state. The serial peripheral interface is used to set
the attenuation state, and, using a similar method, to set the
current through the first and second amplifiers. The desired
configuration is set by software and enables current savings of
as much as 75 mA.
Higher output power, higher peak gain, and smaller attenuator
step sizes enable engineers to use fewer components and
provide greater control to maintain and optimize performance
in the transmit chain.
Smart routing (with no connection crosses) reduces the number
of board connections, simplifies design-in, and decreases the
design footprint by 25%. The monolithic design increases
reliability and ensures high quality.
Digital VGAs
Type
number
Package
f
range
[min]
(MHz)
f
range
[max]
(MHz)
@V
CC
(V)
@I
CC
[typ]
(mA)
G
p@
minimum
attenuation
(dB)
Attenuation
range
(dB)
IP3
O
[typ]
(dBm)
P
L(1dB)
[typ]
(dBm)
NF
[typ]
(dB)
BGA7204
SOT617-3
400
700
5
115
18.5
31.5
38.0
21.0
7.0
700
1450
5
115
18.5
31.5
37.5
21.0
6.5
1450
2100
5
115
17.5
30.5
36.0
20.5
6.5
2100
2750
5
115
16.5
30.0
34.0
20.0
7.0
BGA7210
SOT617-3
700
1400
5
185
30.0
31.5
39.0
21.0
6.5
1400
1700
5
185
29.5
31.5
37.0
21.0
6.5
1700
2200
5
185
29.0
31.5
35.0
21.0
6.5
2200
2800
5
185
28.0
30.5
35.0
23.0
7.0
3400
3800
5
185
26.0
29.5
27.0
19.0
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com