Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 55Page - NXP Semiconductors BGA7204 Datasheet HTML 56Page - NXP Semiconductors BGA7204 Datasheet HTML 57Page - NXP Semiconductors BGA7204 Datasheet HTML 58Page - NXP Semiconductors BGA7204 Datasheet HTML 59Page - NXP Semiconductors BGA7204 Datasheet HTML 60Page - NXP Semiconductors BGA7204 Datasheet HTML 61Page - NXP Semiconductors BGA7204 Datasheet HTML 62Page - NXP Semiconductors BGA7204 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
60
NXP Semiconductors RF Manual 16th edition
2.3.4
LownoiseLOgeneratorsformicrowave&mmWaveradios
NXP LO generators (integrated VCO/PLL) TFF11xxxHN
Manufactured in NXP’s breakthrough QUBiC4X SiGe:C process technology, these highly integrated,
alignment-free LO generators are low-power and low-spurious solutions that simplify design-in and lower
the total cost of ownership.
These low noise local-oscillator (LO) generators, optimized
for use in many different microwave applications between
7 and 15 GHz, deliver highly accurate performance in a small
footprint. They require no alignment or frequency modification
on the production line, so they simplify manufacturing. High
integration saves board space and makes design-in easier, for
lower overall cost and faster development.
Since these ICs are manufactured in NXP’s industry-leading
QUBiC4X SiGe:C process, they offer better overall RF
performance, are more robust than their GaAs equivalents,
and consume much less power. The process technology also
enables higher integration, for added features. NXP owns the
industrial base for production (wafer fab, test, assembly),
so volume supplies can be assured.
The TFF1003HN is the basis for the entire family of LO
generators. It has VCO coverage of 12.8 to 13.05 GHz and
accepts input signals from 50 to 816 MHz. The divider can be set
for 16, 32, 64, 128, or 256, and the output level is -5 dBm with a
stability of ±2 dB. The family of LO generators is completed by
a range of 18 different devices operating in a center frequency
ranging from 7 to 15 GHz. The RF performance of all these
devices is consistent with the TFF1003HN.
All the LO generators have low power dissipation (330 mW typ),
and all are available in a space-saving 24-pin HVQFN package.
Features
` TFF11xxxHN family: lowest-noise LO generators for
a full family in 7 to 15 GHz range
` Maximum power consumption for all types is 330 mW (typ)
` Phase-noise compliant with IESS-308 (Intelsat)
` Proven QUBiC4X SiGe:C technology (120 GHz fT process)
` External loop filter
` Differential input and output
` Lock-detect output
` Internally stabilized voltage reference for loop filter
` 24-pin HVQFN (SOT616-1) package
Applications : TFF11xxxHN family
` Industrial/medical test and measurement equipment
` Electronic warfare (EW)
` Electronic countermeasures (ECM)
` Point-to-point
` Point-to-multipoint
` Satellite communication/VSAT
` Radar systems
Full portfolio overview of low noise LO generators for
general microwave applications in section 3.4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com