Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 42Page - NXP Semiconductors BGA7204 Datasheet HTML 43Page - NXP Semiconductors BGA7204 Datasheet HTML 44Page - NXP Semiconductors BGA7204 Datasheet HTML 45Page - NXP Semiconductors BGA7204 Datasheet HTML 46Page - NXP Semiconductors BGA7204 Datasheet HTML 47Page - NXP Semiconductors BGA7204 Datasheet HTML 48Page - NXP Semiconductors BGA7204 Datasheet HTML 49Page - NXP Semiconductors BGA7204 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 130 page
background image
47
NXP Semiconductors RF Manual 16th edition
Key features & benefits
` Most efficient Doherty amplifier designs available to date
` Production-proven, consistent designs
` NXP’s LDMOS provides unsurpassed ruggedness
` Currently available for the following frequency bands:
- 728 to 821 MHz
- 869 to 960 MHz
- 1805 to 1880 MHz (DCS)
- 1930 to 1990 MHz (PCS)
- 1880 to 2025 MHz (TD-SCDMA)
- 2110 to 2170 MHz (UMTS / LTE)
- 2300 to 2400 MHz (WiBRO / LTE)
- 2500 to 2700 MHz (WiMAX / LTE)
- 3300 to 3800 MHz (WiMAX)
All of our product demonstrators are supported by
comprehensive documentation and hardware.
Please see section 3.7.1.8 for a complete list of available
designs.
Discrete Doherty amplifiers
In addition to the integrated versions, NXP offers product
demonstrators for very efficient, high-power, discrete two- and
three-way Doherty amplifiers. The two-way designs, based on
the BLF7G22LS-130 device, deliver 47.0 dBm (50 W) with 43%
efficiency and 15.7 dB gain for W-CDMA applications.
Our flagship three-way Doherty demonstrator achieves
48% efficiency at 48 dBm (63 W) average output power and
15.0 dB gain with a two-carrier W-CDMA signal. The current
design covers the W-CDMA standard for band 1 operation
and is tailored towards high-yield, minimum-tuning, volume
manufacturing.
Power LDMOS Doherty designs
Freqband
(MHz)
PPEAK
(dBm)
POUT-AVG
(dBm)
VDS
(V)
Gain
(dB)
DrainEff.
(%)
Type
Maintransistor
Peaktransistor
869-894
59.2
50.4
28
16
52
3-WAY
BLF7G10LS-250
2x BLF7G10LS-250
920-960
57.3
49.3
30
16
50
ASYM
BLF8G10LS-160
BLF7G10LS-250
1526-1555
56.6
48.6
28
18.4
42
SYM
BLF7G15LS-200
BLF7G15LS-200
1805-1880
58.6
51
28
16
47.6
3-WAY
BLF7G20LS-200
2x BLF7G20LS-200
1930-1990
58.2
50
28
16
40
SYM
BLF7G20LS-250P
BLF7G20LS-250P
2010-2025
52.2
44
28
15.6
43
SYM
1/2 BLF7G21LS-160P
1/2 BLF7G21LS-160P
2110-2170
56.5
49
28
14.2
46
ASYM
BLF7G22LS-160
BLF7G22LS-200
2110-2170
57.2
49.2
28
16
47
3-WAY
BLF7G22LS-160
2x BLF7G22L(S)-160
2300-2400
56.8
48.5
30
15
42
3-WAY
BLF7G24LS-100
2x BLF7G24LS-100
2620-2690
55.2
47.2
30
15
41
ASYM
BLF7G27LS-100
BLF7G27LS-140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com