Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 7Page - NXP Semiconductors BGA7204 Datasheet HTML 8Page - NXP Semiconductors BGA7204 Datasheet HTML 9Page - NXP Semiconductors BGA7204 Datasheet HTML 10Page - NXP Semiconductors BGA7204 Datasheet HTML 11Page - NXP Semiconductors BGA7204 Datasheet HTML 12Page - NXP Semiconductors BGA7204 Datasheet HTML 13Page - NXP Semiconductors BGA7204 Datasheet HTML 14Page - NXP Semiconductors BGA7204 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
12
NXP Semiconductors RF Manual 16th edition
1.1.2 Point-to-point communications
Application diagram
brb406
INDOOR UNIT
OUTDOOR UNIT
REF
REF
to/from
IDU
LNA
VGA
IF
MPA
BUF
PMU
PMU
MPX
PLL VCO
MPX
LPF
BPF
ANTENNA
DATA
INTERFACE
ANALOG
VGA
0
90
POWER
SUPPLY
DIGITAL
SIGNAL
PROCESSOR
LNA LNA
VGA
VGA
VGA
VGA
SYNTH
PLL
PLL
IF
MPA
PA
PLL VCO
0
90
Recommended products
Indoor unit
Function
Product
Gain range
Package
Type
Single VGA
(variable-gain
amplifier)
MMIC
23 dB
SOT617
BGA7202
31 dB
BGA7204
Function
Product
Gain range
Package
Type
Dual VGA
(variable-gain
amplifier)
MMIC
24 dB
SOT617
BGA7350
28 dB
BGA7351
Function
Product
P
L (1dB) @
940 MHz
Package
Type
MPA
(medium
power
amplifier)
MMIC
24 dBm
SOT89
BGA7024
28 dBm
BGA7027
25 dBm
SOT908
BGA7124
28 dBm
BGA7127
30 dBm
BGA7130
Function
Product
Output
power
Package
Type
IQ
modulator
MMIC
0 dBm
SOT616
BGX7100
4 dBm
BGX7101
Function
Product
Package
Type
IF
IF gain block
MMIC
SOT363
BGA2800
BGA2801
BGA2815
BGA2816
MMIC
General-
purpose
wideband
amplifiers
BGM1012
BGA2714
BGA2748
BGA2771
Function
Product
Package
Type
LNA
RF MMIC
SiGe:C
MMIC
SOT891
BGU7003
SOT650
BGU7051
BGU7052
BGU7053
SOT1301
BGU7060
BGU7061
BGU7062
BGU7063
RF transistor
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU710F
BFU730F
Wideband
transistor
SOT343R
BFG425W
BFG424W
SOT143R
BFG325/XR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com