Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 67Page - NXP Semiconductors BGA7204 Datasheet HTML 68Page - NXP Semiconductors BGA7204 Datasheet HTML 69Page - NXP Semiconductors BGA7204 Datasheet HTML 70Page - NXP Semiconductors BGA7204 Datasheet HTML 71Page - NXP Semiconductors BGA7204 Datasheet HTML 72Page - NXP Semiconductors BGA7204 Datasheet HTML 73Page - NXP Semiconductors BGA7204 Datasheet HTML 74Page - NXP Semiconductors BGA7204 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
72
NXP Semiconductors RF Manual 16th edition
2.6.3
LookingforaleaderinSiGe:C?Youjustfoundus!
NXP QUBiC4 process technology
NXP's innovative, high-performance SiGe:C QUBiC4 process lets customers implement more functions into
less space, with the added benefits of competitive cost, superb reliability, and significant manufacturing
advantages. Our state-of-the-art QUBiC4 technology and extensive IP availability speed the migration from
GaAs components to silicon by enabling cutting-edge products with best-in-class low noise performance,
linearity, power consumption, immunity to out-of-band signals, spurious performance, and output power.
QUBiC is a mature process that has been in mass production since 2002 and has had continuous performance
upgrades added ever since. The QUBiC4 process is automotive-qualified and dual-sourced in two high-
volume, NXP-owned 8-inch waferfabs that provide flexible, low-cost manufacturing with high yields and very
low ppm in the field.
There are three QUBiC4 variants, each with its own
benefits for specific application areas
QUBiC4+
The QUBiC4+ BiCMOS process features 0.25 μm CMOS with
5 metal layers for integration of dense digital logic-based
smart functionality, a rich set of active and passive devices for
high-frequency mixed-signal designs, including thick top metal
layers for high-quality inductors. The device set includes
35 GHz f
T NPNs with 3.8 V breakdown voltage (BVce0) and low
noise figure (NF < 1.1 dB @ 2 GHz), 5 GHz f
T VPNPs, a 28 GHz
high-voltage NPN with 5.9 V breakdown voltage, differential
and single-ended varicaps with Q-factor > 30, scalable
inductors with Q-factor > 20, 800 MHz FT lateral PNPs,
0.25 μm CMOS, 137, 220 & 12 to 2000 ohm/sq. poly and
active resistors, a 270 ohm/sq. SiCr thin film resistor,
a 5.7 fF/μm2 oxide capacitor and a 5 fF/μm2 MIM capacitor,
1 to 6 fF/μm2 oxide capacitors and various other devices
including L-PNPs, isolated NMOS, 3.3 V CMOS and RF-CMOS
transistors capacitor. The QUBiC4+ process is silicon-based
and ideal for applications up to 5 GHz (f
T = 35 GHz,
NF < 1.1 dB @ 2 GHz), as well as for medium power amplifiers
up to 33 dBm.
QUBiC4X
The QUBiC4X BiCMOS process is a SiGe:C-based extension
of the QUBiC process for high-frequency mixed-signal designs
and offers a rich set of devices, including a 110 GHz f
T NPN with
2.0 V breakdown voltage and very low noise figure (NF < 1.0 dB @
10 GHz), 0.25 μm CMOS, a variety of resistors, a 5.7 fF/μm2 oxide
capacitor, and a 5 fF/μm2 MIM capacitor.
The QUBiC4X is ideal for applications that typically operate at
up to 30 GHz (f
T = 110 GHz , NF < 1.0 dB @ 10 GHz) and ultra-
low noise applications such as LNAs and mixers.
QUBiC4Xi
The QUBiC4Xi BiCMOS process further enhances the QUBiC4X
process and offers an additional feature set of devices for high-
frequency mixed-signal designs. These include 180 GHz f
T
NPNs with 1.4 V breakdown voltage and ultra-low noise figure
(NF < 0.7 dB @ 10 GHz), 0.25 μm CMOS, several resistors,
a 5.7 fF/μm2 oxide capacitor and a 5 fF/μm2 MIM capacitor.
QUBiC4Xi represents the newest SiGe:C process, with
improved f
T (> 200 GHz) and even lower noise figure
(NF < 0.6 dB @ 10 GHz). It is ideal for applications beyond
30 GHz, such as LO generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com