Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 21Page - NXP Semiconductors BGA7204 Datasheet HTML 22Page - NXP Semiconductors BGA7204 Datasheet HTML 23Page - NXP Semiconductors BGA7204 Datasheet HTML 24Page - NXP Semiconductors BGA7204 Datasheet HTML 25Page - NXP Semiconductors BGA7204 Datasheet HTML 26Page - NXP Semiconductors BGA7204 Datasheet HTML 27Page - NXP Semiconductors BGA7204 Datasheet HTML 28Page - NXP Semiconductors BGA7204 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 130 page
background image
26
NXP Semiconductors RF Manual 16th edition
1.4.2 FM radio
Application diagram
Recommended products
Function
Product
Package
Type
SPDT switch
RF diode
PIN diode
Various
BAP64^
BAP 65^
BAP1321^
BAP51^
Function
Product
Package
Type
LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU725F /N1
MMIC
SiGe:C
MMIC
SOT1209
BGU6101
BGU6102
BGU6104
SOT891
BGU7003
SOT886
BGU7003W
^ Also available in ultra-small leadless package SOD882D
Product highlight:
BGU6102 MMIC wideband amplifier
The BGU6102 is an unmatched MMIC featuring an integrated bias-
enable function and a wide supply voltage. It is part of a family of
three products (BGU6101, BGU6102, BGU6104), and is optimized for
2 mA operation.
Features
` Applicable between 40 MHz and 4 GHz
` High ohmic FM LNA: 13 dB gain and 1.0 dB NF at 100 MHz
` 50 Ω FM LNA: 15 dB gain and 1.3 dB NF at 100 MHz
` Integrated temperature-stabilized bias for easy design
` Bias current configurable with external resistor
` Power-down mode current consumption < 6 μA
` ESD protection > 1 kV Human Body Model (HBM) on all pins
` Supply voltage from 1.5 to 5 V
001aan956
headset
antenna
LNA
SPDT
embedded
antenna
LNA
FM
RECEIVER
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com