Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7204 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 115Page - NXP Semiconductors BGA7204 Datasheet HTML 116Page - NXP Semiconductors BGA7204 Datasheet HTML 117Page - NXP Semiconductors BGA7204 Datasheet HTML 118Page - NXP Semiconductors BGA7204 Datasheet HTML 119Page - NXP Semiconductors BGA7204 Datasheet HTML 120Page - NXP Semiconductors BGA7204 Datasheet HTML 121Page - NXP Semiconductors BGA7204 Datasheet HTML 122Page - NXP Semiconductors BGA7204 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
120
NXP Semiconductors RF Manual 16th edition
Package
Package dimensions
L x W x H (mm)
Packing
quantity
Product
12NC ending
Packing
method
SOT502B
19.8x9.4x4.1
60
112
blister, tray
100
118
reel
SOT538A
5.1x4.1x2.6
160
112
blister, tray
SOT539A
31.25x9.4x4.65
60
112
blister, tray
300
135
reel
SOT540A
21.85x10.2x5.4
60
112
blister, tray
SOT608A
10.1x10.1x4.2
60
112
blister, tray
60
112
blister, tray
300
135
reel
SOT608B
10.1x10.1x4.2
60
112
blister, tray
100
118
reel
300
135
reel
SOT616
4.0x4.0x0.85
6,000
118
12 mm tape and reel
1,500
115
8 mm tape and reel
100
551
tray
SOT617
5x5x0.85
6,000
118
tape and reel
SOT618
6x6x0.85
4,000
118
13" tape and reel
1,000
515
7" tape and reel dry pack
490
551
1 tray dry pack
2,450
157
5 tray
SOT638
14x14x1
1,000
518
13" tape and reel dry pack
90
551
1 tray dry pack
450
557
5 tray dry pack
SOT650-1
3.0x3.0x0.85
6,000
118
reel
SOT666
1.6x1.2x0.7
4,000
115
8 mm tape and reel
SOT684
8x8x0.85
1,000
518
13" tape and reel dry pack
260
151
1 tray
260
551
1 tray dry pack
1,300
157
5 tray dry pack
SOT724
8.7x3.9x1.47
2,500
118
16 mm tape and reel
SOT753
2.9x1.5x1.0
3,000
125
8 mm tape and reel
SOT763-1
2.5x3.5x0.85
3,000
115
reel
6,000
135
SOT778
6.0x6.0x0.85
490
551
tray
4,000
518
multiple trays
SOT822-1
15.9x11x3.6
180
127
tube
SOT834-1
15.9x11x3.15
180
127
tube
SOT883
1.0x0.6x0.5
3,000
115
8 mm tape and reel
SOT886
1.45x1.0x0.5
5,000
115
8 mm tape and reel
SOT891
1.0x1.0x0.5
5,000
132
8 mm tape and reel
SOT908
3.0x3.0x0.85
6,000
118
12 mm tape and reel
SOT922-1
17.4x9.4x3.88
60
112
blister, tray
SOT975B
6.5x6.5x3.3
180
112
blister, tray
100
118
tape and reel
SOT975C
6.5x6.5x3.3
180
112
blister, tray
100
118
tape and reel
SOT979A
31.25x10.2x5.3
60
112
blister, tray
SOT1110A
41.28x17.12x5.36
60
112
blister, tray
100
118
reel
SOT1110B
41.15x36.32x4.68
60
112
blister, tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com