Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics RHF484 Datasheet HTML 10Page - STMicroelectronics RHF484 Datasheet HTML 11Page - STMicroelectronics RHF484 Datasheet HTML 12Page - STMicroelectronics RHF484 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RHF484
Electrical characteristics
Doc ID 17351 Rev 1
9/18
Figure 1.
Input offset voltage distribution
Figure 2.
Input bias current vs. supply voltage
-300
-200
-100
0
100
200
300
0
5
10
15
20
25
30
Vio distribution
T=25°C
Vcc=14V, Vicm=7V
Input offset voltage (uV)
445
667
889
10
10
11
12
12
13
14
14
-40
-20
0
20
40
T=-55°C
V
icm=Vcc/2
Follower configuration
T=125°C
T=25°C
Supply voltage (V)
Figure 3.
Input bias current vs. Vicm at
VCC =4V
Figure 4.
Input bias current vs. Vicm at
VCC =14V
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-Vcc = -2V
+Vcc = +2V
T= +125°C
T= +25°C
T= -55°C
Input Common Mode Voltage (V)
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-Vcc = -7V
+Vcc = 7V
T= +125°C
T= +25°C
T= -55°C
Input Common Mode Voltage (V)
Figure 5.
Supply current vs. Vicm in follower
configuration at VCC =4V
Figure 6.
Supply current vs. Vicm in follower
configuration at VCC =14V
-2
-2
-1
-1
001122
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
T=-55°C
Follower configuration
-Vcc=-2V
+Vcc=+2V
T=125°C
T=25°C
Input Common Mode Voltage (V)
-7 -6
-6 -5 -4
-4 -3 -2
-2 -1 001
223
445
667
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
T=-55°C
Follower configuration
-Vcc=-7V
+Vcc=+7V
T=125°C
T=25°C
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com