Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 4 Page - STMicroelectronics

  RHF484 Datasheet HTML 1Page - STMicroelectronics RHF484 Datasheet HTML 2Page - STMicroelectronics RHF484 Datasheet HTML 3Page - STMicroelectronics RHF484 Datasheet HTML 4Page - STMicroelectronics RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
RHF484
4/18
Doc ID 17351 Rev 1
AC performance
GBP
Gain bandwidth product
Vout = 200 mVpp
f = 100 kHz
RL=1 kΩ,
CL= 100 pF
-55°C
3.5
MHz
+25°C
6
8
+125°C
3.5
Fu
Unity gain frequency
RL = 1 kΩ, CL = 100 pF
+25°C
5
MHz
φm
Phase margin
RL = 1 kΩ, CL = 100 pF
G = +5
+25°C
50
Degrees
A VD
Large signal voltage gain
RL = 10 kΩ
Vout = -6.5 V to 6 V
-55°C
60
dB
+25°C
74
85
+125°C
60
SR
Slew rate
RL = 1 kΩ
Vout = -4.8 V to 4.8 V
Vout = 4.8 V to -4.8 V
-55°C
1.7
V/µs
+25°C
2
3.5
+125°C
1.7
en
Equivalent input noise voltage No load, f = 1kHz
+25°C
7
in
Equivalent input noise current
No load, f = 1 kHz
+25°C
0.8
THD+en
Total harmonic distortion +
noise
Vout = 13 Vpp,
RL = 1 kΩ, CL = 100 pF
G = -5.1
+25°C
0.01
%
Output characteristics
VOH
High level output voltage
+VCC =14 V, -VCC = 0 V
RL =1 kΩ
-55°C
13.5
V
+25°C
13.6
13.8
+125°C
13.5
+VCC =14 V, -VCC = 0 V
RL = 10 kΩ
-55°C
13.6
V
+25°C
13.8
13.9
+125°C
13.6
VOL
Low level output voltage
+VCC =14 V, -VCC = 0 V
RL =1 kΩ
-55°C
0.3
V
+25°C
0.12
0.2
+125°C
0.3
+VCC =14 V, -VCC = 0 V
RL = 10 kΩ
-55°C
0.2
V
+25°C
0.04
0.08
+125°C
0.2
Table 4.
+VCC = 7 V, -VCC = 7 V, Vicm = 0 V, Tamb = 25°C, loads (RL,CL) connected to GND
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
nV
Hz
------------
pA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com