Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics RHF484 Datasheet HTML 10Page - STMicroelectronics RHF484 Datasheet HTML 11Page - STMicroelectronics RHF484 Datasheet HTML 12Page - STMicroelectronics RHF484 Datasheet HTML 13Page - STMicroelectronics RHF484 Datasheet HTML 14Page - STMicroelectronics RHF484 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RHF484
Electrical characteristics
Doc ID 17351 Rev 1
11/18
Figure 13.
Noise vs. frequency at VCC= 4 V and
VCC = 14 V
Figure 14.
Voltage gain and phase vs.
frequency at VCC = 4 V, Vicm = 2 V
100
1000
10000
10
Vcc=14V, Vicm=7V, Tamb=25°C
Vcc=4V, Vicm=2V, Tamb=25°C
Frequency (Hz)
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=4V, Vicm=2V, G= -100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)
Figure 15.
Voltage gain and phase vs.
frequency at VCC = 4 V, Vicm = 3.5 V
Figure 16.
Voltage gain and phase vs.
frequency at VCC = 4 V, Vicm = 0.5 V
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=4V, Vicm=3.5V, G= -100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=4V, Vicm=0.5V, G= -100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)
Figure 17.
Voltage gain and phase vs.
frequency at VCC = 14 V, Vicm = 7 V
Figure 18.
Voltage gain and phase vs.
frequency at VCC = 14 V,
Vicm = 13.5 V
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=14V, Vicm=7V, G= -100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=14V, Vicm=13.5V, G= -100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com