Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 2 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 2 Page - STMicroelectronics

  RHF484 Datasheet HTML 1Page - STMicroelectronics RHF484 Datasheet HTML 2Page - STMicroelectronics RHF484 Datasheet HTML 3Page - STMicroelectronics RHF484 Datasheet HTML 4Page - STMicroelectronics RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute maximum ratings and operating conditions
RHF484
2/18
Doc ID 17351 Rev 1
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (+VCC)-(-VCC)18
V
Vid
Differential input voltage (1)
1.
The differential voltage is the voltage difference between the pins +IN and -IN of a channel.
±1.2
V
Vin
Input voltage (2)(3)
2.
All voltage values, except differential voltage are with respect to network ground terminal.
3.
The voltage on either input must never exceed +VCC +0.3 V nor 16 V.
-VCC -0.3V to
+VCC +0.3V
V
Iin
Input current
45
mA
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (4)
Flat package, 14 pins
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
TBD
°C/W
Rthjc
Thermal resistance junction to case(4)
Flat package, 14 pins
TBD
°C/W
ESD
HBM: human body model(5)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
TLead
Lead temperature (soldering, 10 sec)
260
°C
Radiation informations
Dose
Low dose rate of 0.01 rad.sec-1
100
kRad
High dose rate of 50-300 rad.sec-1
300
kRad
Heavy
ions
SEL immunity (at 125°C)
120
MeV.cm2/mg
SET characterized
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
(+VCC)-(-VCC)
Supply voltage
4 to 14 (1)
1.
SEL-free, up to 120 MeV.cm²/mg.
V
Vicm
Common-mode input voltage range
-VCC to +VCC
V
Toper
Operating free-air temperature range
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com