Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 5 Page - STMicroelectronics

  RHF484 Datasheet HTML 1Page - STMicroelectronics RHF484 Datasheet HTML 2Page - STMicroelectronics RHF484 Datasheet HTML 3Page - STMicroelectronics RHF484 Datasheet HTML 4Page - STMicroelectronics RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RHF484
Electrical characteristics
Doc ID 17351 Rev 1
5/18
Iout
(1)
Output sink current
Vout = +VCC
No load, Vid = -1 V
-55°C
15
mA
+25°C
20
35
+125°C
15
Output source current
Vout = -VCC
No load, Vid = +1 V
-55°C
10
mA
+25°C
15
30
+125°C
10
1.
These tests are performed during a very short period of time. Excessive heating can damage the device. In the application,
the junction temperature must never exceed 150
°C as specified in Table 2.
Table 4.
+VCC = 7 V, -VCC = 7 V, Vicm = 0 V, Tamb = 25°C, loads (RL,CL) connected to GND
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com