Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 3 Page - STMicroelectronics

  RHF484 Datasheet HTML 1Page - STMicroelectronics RHF484 Datasheet HTML 2Page - STMicroelectronics RHF484 Datasheet HTML 3Page - STMicroelectronics RHF484 Datasheet HTML 4Page - STMicroelectronics RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RHF484
Electrical characteristics
Doc ID 17351 Rev 1
3/18
2
Electrical characteristics
Table 4.
+VCC = 7 V, -VCC = 7 V, Vicm = 0 V, Tamb = 25°C, loads (RL,CL) connected to GND
(unless otherwise specified)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
Vicm = +7 V
-55°C
700
µV
+25°C
500
+125°C
700
Vicm = +0 V
-55°C
500
+25°C
60
300
+125°C
500
Vicm = -7 V
-55°C
700
+25°C
500
+125°C
700
DVio
Input offset voltage drift
No load
1
µV/°C
Iib
Input bias current
No load
-55°C
100
nA
+25°C
6
60
+125°C
100
DIib
Input offset current temp. drift
No load
100
pA/°C
Iio
Input offset current
No load
Vout =0 V
-55°C
35
nA
+25°C
2
15
+125°C
35
Cin
Differential input capacitance
between +IN and -IN
+25°C
8
pF
Input capacitance between
+IN (or -IN) and GND
+25°C
2
ICC
Supply current per amplifier
No load
-55°C
2.9
mA
+25°C
2.2
2.9
+125°C
2.9
CMR
Common mode rejection ratio
No load
-VCC < Vicm < +VCC
-55°C
72
dB
+25°C
72
105
+125°C
72
SVR
Supply rejection ratio
No load
From +VCC = 2 V and
-VCC = -2 V to +VCC = 7
V and -VCC = -7 V
-55°C
80
dB
+25°C
90
120
+125°C
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com